Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCSESPU093F2CS0 Datasheet(PDF) 1 Page - Schneider Electric

Part # TCSESPU093F2CS0
Description  ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic singlemode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESPU093F2CS0 Datasheet(HTML) 1 Page - Schneider Electric

  TCSESPU093F2CS0 Datasheet HTML 1Page - Schneider Electric TCSESPU093F2CS0 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
TCSESPU093F2CS0
ConneXium Premium Unmanaged Switch - 7
ports for copper + 2 ports for fiber optic single-
mode
Main
Range of product
ConneXium
Product or component type
Ethernet TCP/IP unmanaged switch
Concept
Transparent Ready
Communication port protocol
Ethernet TCP/IP
Port Ethernet
10/100BASE-TX - 7 port(s) copper cable
100BASE-FX - 2 port(s) fiber optic
Maximum number of switches in cascade
Unlimited
Complementary
Integrated connection type
Shielded RJ45 copper cable
Duplex SC fiber optic
Transmission support medium
Twisted shielded pairs cable CAT 5E for copper cable
Single mode optical fiber for fiber optic
Maximum cable distance between devices
100 M copper cable
Optic fiber length
32.5 Km 9/125 µm
Attenuation
0…16 DB (9/125 µm)
Ethernet service
Configuration via web server
Multicast filtering
Data stream control
Communication service
Quality of Service (QoS)
[Us] rated supply voltage
12...24 V
Supply voltage limits
9.6…32 V DC SELV
Power consumption in W
6.9 W
Electrical connection
Removable connector 6 ways power supply
Mounting support
35 mm symmetrical DIN rail
Marking
CE
UL
RCM
Local signalling
1 dual colour LED (green/yellow) for P1 P2 power supplies
1 LED per channel (yellow) for data rate (ETH LINK)
1 dual colour LED (green/yellow) for link status
Ethernet cabling system
TF switches
Width
56 Mm
Height
135 Mm
Depth
117 Mm
Net weight
0.510 Kg
Jul 21, 2021
1


Similar Part No. - TCSESPU093F2CS0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSESPU093F2CU0 SCHNEIDER-TCSESPU093F2CU0 Datasheet
75Kb / 2P
ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic multimode
Jul 21, 2021
More results

Similar Description - TCSESPU093F2CS0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCSESU043F1N0 ETC2-TCSESU043F1N0 Datasheet
61Kb / 3P
Ethernet TCP/IP switch - ConneXium - 4 ports for copper 1 for fiber optic
logo
Schneider Electric
TCSESU051F0 SCHNEIDER-TCSESU051F0 Datasheet
103Kb / 2P
ConneXium Unmanaged Switch - 5 ports for copper - IP67 - M12
Jan 7, 2021
TCSESL043F23F0 SCHNEIDER-TCSESL043F23F0 Datasheet
67Kb / 2P
ConneXium Lite Managed Switch - 4 ports for copper
Jul 21, 2021
TCSESM103F2LG0 SCHNEIDER-TCSESM103F2LG0 Datasheet
116Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports copper 2 for fiber optic
Aug 11, 2019
TCSESPU053F1CS0 SCHNEIDER-TCSESPU053F1CS0 Datasheet
70Kb / 2P
ConneXium Premium Unmanaged Switch - 4 ports for copper 1 ports for fiber optic singlemode
Jul 21, 2021
TCSESPU053F1CU0 SCHNEIDER-TCSESPU053F1CU0 Datasheet
70Kb / 2P
ConneXium Premium Unmanaged Switch - 4 ports for copper 1 ports for fiber optic multimode
Jul 21, 2021
TCSESPU083FN0 SCHNEIDER-TCSESPU083FN0 Datasheet
72Kb / 2P
ConneXium Premium Unmanaged Switch - 8 ports for copper
Jul 21, 2021
TCSESPU093F2CU0 SCHNEIDER-TCSESPU093F2CU0 Datasheet
75Kb / 2P
ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic multimode
Jul 21, 2021
TCSESU103F2CS0 SCHNEIDER-TCSESU103F2CS0 Datasheet
90Kb / 2P
ConneXium Unmanaged Switch - 8 ports for copper 2 ports for fiber optic single-mode
Jul 21, 2021
TCSESU103F2CU0 SCHNEIDER-TCSESU103F2CU0 Datasheet
69Kb / 3P
ConneXium Unmanaged Switch - 8 ports for copper 2 ports for fiber optic - multi mode
Jul 21, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com