Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCFS4016C1C Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCFS4016C1C
Description  256K x 16 Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS4016C1C Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCFS4016C1C Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 8Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
256K x 16 Static RAM
WCFS4016C1C
Revised April 19, 2002
1041B
Features
• High speed
— tAA = 15 ns
• 2.0V Data Retention (400
µW at 2.0V retention)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features
Functional Description
The WCFS4016C1C is a high-performance CMOS static RAM
organized as 262,144 words by 16 bits.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A17). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A17).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then
data from the memory location specified by the address pins
will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW,
then data from memory will appear on I/O8 to I/O15. See the
truth table at the back of this data sheet for a complete descrip-
tion of read and write modes.
The input/output pins (I/O0 through I/O15) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The WCFS4016C1C is available in a standard 44-pin
400-mil-wide SOJ package.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
256K x 16
ARRAY
A0
1024 x 4096
I/O0 – I/O7
OE
I/O8 – I/O15
CE
WE
BLE
BHE
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ
12
13
41
44
43
42
16
15
29
30
VCC
A5
A6
A7
A8
A0
A1
OE
VSS
A17
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A3
A4
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A16
A15
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A14
A13
A12
A11
A9
A10
NC
Selection Guide
WCFS4016C1C 15ns
Maximum Access Time (ns)
15
Maximum Operating Current (mA)
190
Maximum CMOS Standby Current (mA)
3


Similar Part No. - WCFS4016C1C

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
256K x 16 Static RAM
WCFS4016V1C-JC12 WEIDA-WCFS4016V1C-JC12 Datasheet
219Kb / 9P
256K x 16 Static RAM
WCFS4016V1C-TC12 WEIDA-WCFS4016V1C-TC12 Datasheet
219Kb / 9P
256K x 16 Static RAM
More results

Similar Description - WCFS4016C1C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
256K x 16 Static RAM
Revised October 18, 2002
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com