Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCFS4016C1C Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # WCFS4016C1C
Description  256K x 16 Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS4016C1C Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  WCFS4016C1C Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 8Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WCFS4016C1C
Page 2 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature –65
°C to +150°C
Ambient Temperature with
Power Applied–55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1]–0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1]–0.5V to VCC + 0.5V
DC Input Voltage[1]–0.5V to VCC + 0.5V
Current into Outputs (LOW)20 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 0.5
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
WCFS4016C1C 15ns
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+ 0.5
V
VIL
Input LOW Voltage[1]
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
190
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com