Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2PCIE212 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2PCIE212
Description  1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE212 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2PCIE212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PI2PCIE212
1.8V, PCI Express Compliant, 2 Differential Ch.,
2:1 Mux/DeMux Switch w/ Single Enable
PS8789
09/19/05
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
Switching Characteristics (TA= -40º to +85ºC, VCC = 1.8V±10%)
Paramenter
Description
Min.
Typ.(2)
Max.
Units
tPZH, tPZL Line Enable Time - SEL to AN, BN
0.5
-
8.0
tPHZ, tPLZ Line Disable Time - SEL to AN, BN
0.5
-
4.0
Fig 4. Off Isolation
CH1 A/R log MAG
10 dB/ REF --20 dB
-46.499 dB
100 MHz
Cor
Hld
IF BW 300 Hz
Start 100 kHz
Power 0 dbm
SWP 1.624 sec
STOP 1.8 GHz
Select
Letter
Space
Back
Space
Erase
Title
Done
STOR DEV
[DISK]
Cancel
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com