Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2PCIE212 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PCIE212
Description  1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE212 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PCIE212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8789
09/19/05
Features
• 2 Differential Channel, 2:1 Mux/DeMux
• PCI Express signal compliance
• Low Bit-to-Bit Skew
• Low Crosstalk: -60dB@10MHz
• Low Off Isolation: -65dB@10MHz
• VCC Operating Range: +1.5V to +2.0V
• ESD Tolerance >2kV HBM
• Packaging (Pb-free & Green):
– 28 contact TQFN (ZH)
Description
Pericom Semiconductor’s PI2PCIE212 is a 4 to 2 differential
channel multiplexer/demultiplexer switch. The PI2PCIE family
of switch solutions is fully compliant with PCI-express signals
at 2.5Gbps. PI2PCIE212 can switch PCI-express signals up to
a maximum length of 16 inches. Due to its low bit-to-bit skew,
high channel-to-channel noise isolation and high bandwidth, this
product is ideal for PCI Express switching.
Application
Switch a PCI-Express lane output between two PCI-Express lane
inputs
Block Diagram
Pin Description
PI2PCIE212
1.8V, PCI Express Compliant, 2 Differential Channel,
2:1 Mux/DeMux Switch w/ Single Enable
A3
A2
A1
A0
1B1
0B1
1B2
0B2
3B1
2B1
3B2
2B2
SEL
Truth Table
Function
SEL
An to nB1
L
An to nB2
H
GND
SEL
VDD
A0
A1
A2
A3
VDD
VDD
GND
0B1
1B1
2B1
3B1
GND
VDD
0B2
1B2
2B2
3B2
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
28 27 26 25
11 12 13 14
GND


Similar Part No. - PI2PCIE212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2214ZHEX PERICOM-PI2PCIE2214ZHEX Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
More results

Similar Description - PI2PCIE212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE412-D PERICOM-PI2PCIE412-D Datasheet
462Kb / 9P
Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com