Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAN-MDEV-FFF-PRO-UG Datasheet(PDF) 13 Page - Linx Technologies

Part # MAN-MDEV-FFF-PRO-UG
Description  The Linx HumPROTM Series data transceiver modules offer a simple
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MAN-MDEV-FFF-PRO-UG Datasheet(HTML) 13 Page - Linx Technologies

Back Button MAN-MDEV-FFF-PRO-UG Datasheet HTML 9Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 10Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 11Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 12Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 13Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 14Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 15Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 16Page - Linx Technologies MAN-MDEV-FFF-PRO-UG Datasheet HTML 17Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
–
–
9
Supply for the module is connected through R17. This can be removed and
replaced by another supply or used to measure the current consumption of
the module.
Figure 9 shows the bottom of the board.
SW1 and SW2 connect the USB interface to the Command Data Interface
lines on the module. This allows the prototype board to be used with the
development kit software or a custom application. When in the “USB
Connected position”, the module is connected to the USB interface. The
“Header Only” position connects the module to the header.
Footprints for 0603 size resistors are on most lines so that pull-ups or
pull-downs can easily be added to the lines. The pads are connected to
V
CC or GND based on the most common configuration for the module. The
schematic at the end of this document shows how each line is connected.
Note: The onboard 3.3-volt regulator has approximately 400mA available
for additional circuitry when plugged into a PC (60mA with the amplified
PRO). If more current is required, the user must power the board from
an external supply or a USB charger with more current capabilities, up to
1A.
Figure 9: Prototype Board Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com