Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3013EGP Datasheet(PDF) 1 Page - STMicroelectronics

Part # MAX3013EGP
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013EGP Datasheet(HTML) 1 Page - STMicroelectronics

  MAX3013EGP Datasheet HTML 1Page - STMicroelectronics MAX3013EGP Datasheet HTML 2Page - STMicroelectronics MAX3013EGP Datasheet HTML 3Page - STMicroelectronics MAX3013EGP Datasheet HTML 4Page - STMicroelectronics MAX3013EGP Datasheet HTML 5Page - STMicroelectronics MAX3013EGP Datasheet HTML 6Page - STMicroelectronics MAX3013EGP Datasheet HTML 7Page - STMicroelectronics MAX3013EGP Datasheet HTML 8Page - STMicroelectronics MAX3013EGP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX3013 8-channel level translator provides the
level shifting necessary to allow 100Mbps data transfer
in a multivoltage system. Externally applied voltages,
VCC and VL, set the logic levels on either side of the
device. Logic signals present on the VL side of the
device appear as a higher voltage logic signal on the
VCC side of the device, and vice-versa.
The MAX3013 features an EN input that, when at logic
low, places all inputs/outputs on both sides in tristate
and reduces the VCC and VL supply currents to 0.1µA.
This device operates at a guaranteed data rate of
100Mbps for VL > 1.8V.
The MAX3013 accepts a VCC voltage from +1.65V to
+3.6V and a VL voltage from +1.2V to (VCC - 0.4V), mak-
ing it ideal for data transfer between low-voltage
ASICs/PLDs and higher voltage systems. The MAX3013
is available in 5 x 4 UCSP™, 20-pin 5mm x 5mm QFN,
and 20-pin TSSOP packages.
Applications
Low-Voltage ASIC Level Translation
Cell Phones
SPI™, MICROWIRE™ Level Translation
Portable POS Systems
Portable Communication Devices
GPS
Telecommunications Equipment
Features
♦ 100Mbps Guaranteed Data Rate
♦ Bidirectional Level Translation
♦ VL Operation Down to +1.2V
♦ Ultra-Low 0.1µA Supply Current in Shutdown
♦ Low-Quiescent Current (0.1µA)
♦ UCSP, QFN, and TSSOP Packages
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3156; Rev 2; 12/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
NUMBER OF
VL
→ VCC
TRANSLATORS
NUMBER OF
VL
← VCC
TRANSLATORS
DATA RATE
(Mbps)
MAX3013EUP
-40°C to +85°C
20 TSSOP
8
8
100
MAX3013EBP-T
-40°C to +85°C
5 x 4 UCSP
8
8
100
MAX3013EGP
-40°C to +85°C
20 QFN-EP*
8
8
100
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
I/O VCC1
I/O VCC2
I/O VCC3
I/O VCC4
I/O VL4
I/O VL3
I/O VL2
I/O VL1
VCC
GND
I/O VCC5
I/O VCC6
I/O VL6
I/O VL5
EN
VL
12
11
9
10
I/O VCC7
I/O VCC8
I/O VL8
I/O VL7
MAX3013
TSSOP
TOP VIEW
Pin Configurations
*EP = Exposed paddle.
UCSP is a trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX3013EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3013EGP MAXIM-MAX3013EGP Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
More results

Similar Description - MAX3013EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com