Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3013EGP Datasheet(PDF) 5 Page - STMicroelectronics

Part # MAX3013EGP
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013EGP Datasheet(HTML) 5 Page - STMicroelectronics

  MAX3013EGP Datasheet HTML 1Page - STMicroelectronics MAX3013EGP Datasheet HTML 2Page - STMicroelectronics MAX3013EGP Datasheet HTML 3Page - STMicroelectronics MAX3013EGP Datasheet HTML 4Page - STMicroelectronics MAX3013EGP Datasheet HTML 5Page - STMicroelectronics MAX3013EGP Datasheet HTML 6Page - STMicroelectronics MAX3013EGP Datasheet HTML 7Page - STMicroelectronics MAX3013EGP Datasheet HTML 8Page - STMicroelectronics MAX3013EGP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(Data rate = 100Mbps, VCC = 3.3V, VL = 1.8V, TA = +25
°C, unless otherwise noted.)
0
5
15
10
20
25
VCC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
1.5
3.0
2.5
2.0
3.5
4.0
DRIVING I/O VL
VL = 1.25V
CIOVCC = 15pF
2.0
2.4
3.2
2.8
3.6
4.0
VL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
35
10
-15
60
85
DRIVING I/O VCC
CIOVL = 15pF
16
15
14
13
12
-40
10
-15
35
60
85
VCC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
DRIVING I/O VCC
CIOVL = 15pF
0
0.2
0.6
0.4
0.8
1.0
VL SUPPLY CURRENT
vs. CAPACITIVE LOAD ON I/O VCC
CAPACITIVE LOAD (pF)
020
10
30
40
DRIVING I/O VL
10
13
19
16
22
25
VCC SUPPLY CURRENT
vs. CAPACITIVE LOAD ON I/O VCC
CAPACITIVE LOAD (pF)
020
10
30
40
DRIVING I/O VL
0
0.3
0.9
0.6
1.2
1.5
RISE/FALL TIME
vs. CAPACITIVE LOAD ON I/O VCC
CAPACITIVE LOAD (pF)
020
10
30
40
DRIVING I/O VL
tFALL
tRISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com