Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE85176AUG/DAKP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCE85176AUG/DAKP
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DAKP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCE85176AUG/DAKP Datasheet HTML 35Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 36Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 37Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 38Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 39Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 40Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 41Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 42Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
39 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
The orientation of the IC in a pocket is indicated by the position of the IC type name on the
die surface with respect to the chamfer on the upper left corner of the tray (see Figure 30).
Refer to the bare die outline drawing (see Figure 27) for the orientation and position of the
type name on the die surface.
Table 30.
Dimensions of tray for PCE85176AUG
See Figure 29.
Symbol
Description
Value
A
pocket pitch in x direction
3.2 mm
B
pocket pitch in y direction
3.0 mm
C
pocket width in x direction
2.2 mm
D
pocket width in y direction
1.9 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
G
pitch from edge of tray to pocket center in
x direction
4.6 mm
H
pitch from edge of tray to pocket center in
y direction
4.4 mm
N
number of pockets, x direction
14
M
number of pockets, y direction
15
Fig 30. Tray alignment for PCE85176AUG tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com