Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE85176AUG/DAKP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCE85176AUG/DAKP
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DAKP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCE85176AUG/DAKP Datasheet HTML 1Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 2Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 3Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 4Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 5Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 6Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 7Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 8Page - NXP Semiconductors PCE85176AUG/DAKP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
4 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
7.
Functional description
The PCE85176AUG is a versatile peripheral device designed to interface between any
microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 9). It
can directly drive any static or multiplexed LCD containing up to four backplanes and up to
40 segments.
7.1 Commands of PCE85176AUG
The commands available to the PCE85176AUG are defined in Table 5.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 22. When this bit is set logic 1, it indicates that the next byte of the
transfer to arrive will also represent a command. If this bit is set logic 0, it indicates that
the command byte is the last in the transfer. Further bytes are regarded as display data
(see Table 6).
Table 5.
Definition of PCE85176AUG commands
Bit position labeled as - is not used.
Command
Operation Code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
-
E
B
M[1:0]
Table 8
load-data-pointer
C
0
P[5:0]
Table 10
initialize-RAM
C
110
0000
Table 12
bank-select
C
1
1
1
1
0
I
O
Table 14
blink-select
C
1
1
1
0
AB
BF[1:0]
Table 16
Table 6.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command as
well



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com