| Electronic Components Datasheet Search |
|
MX574ASQ Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX574ASQ Datasheet(HTML) 10 Page - Maxim Integrated Products |
|
10 / 18 page ![]() Timing and Control Convert Start Timing—Full Control Mode R/C must be low before asserting both CE and CS. If it is high, a brief read operation occurs possibly resulting in system bus contention. To initiate a conversion, use either CE or CS. CE is recommended since it is shorter by one propagation delay than CS and is the faster input of the two. CE is used to begin the conversion in Figure 4. The STS output is high during the conversion indicating the ADC is busy. During this period, additional convert start commands will be ignored, so that the conversion cannot be prematurely terminated or restarted. However, if the state of A0 is changed after the beginning of the conversion, any additional start conversion transitions will latch the new state of A0, possibly resulting in an incorrect conversion length (8 bits vs. 12 bits) for that conversion. Read Timing—Full Control Mode Figure 5 illustrates the read-cycle timing. While reading data, access time is measured from when CE and R/C are both high. Access time is extended 10ns if CS is used to initiate a read. Figure 4. Convert Start Timing Figure 5. Read Timing tHSC tHEC CE A0 STS D0–D11 tSSC tHRC tSRC tHAC tDSC tC tSAC HIGH IMPEDANCE R/C CS tSSR tSRR tSAR tHAR tHRR tHSR HIGH IMPEDANCE tDD tHD,tHL CE A0 STS D0–D11 R/C CS MAX174/MX574A/ MX674A Industry-Standard, Complete 12-Bit ADCs www.maximintegrated.com Maxim Integrated │ 10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |