Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX574ASQ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX574ASQ
Description  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX574ASQ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX574ASQ Datasheet HTML 1Page - Maxim Integrated Products MX574ASQ Datasheet HTML 2Page - Maxim Integrated Products MX574ASQ Datasheet HTML 3Page - Maxim Integrated Products MX574ASQ Datasheet HTML 4Page - Maxim Integrated Products MX574ASQ Datasheet HTML 5Page - Maxim Integrated Products MX574ASQ Datasheet HTML 6Page - Maxim Integrated Products MX574ASQ Datasheet HTML 7Page - Maxim Integrated Products MX574ASQ Datasheet HTML 8Page - Maxim Integrated Products MX574ASQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VCC to DGND............................................................. 0 to 16.5V
VEE to DGND ............................................................. 0 to 16.5V
VL to DGND..................................................................... 0 to 7V
DGND to AGND.....................................................................±1V
Control Inputs to DGND
(CE, CS, A0, 12/8, R/C)........................ -0.3V to (VCC + 0.3V)
Digital Output Voltage to DGND
(DB11–DB0, STS) ...................................-0.3V to (VL + 0.3V)
Analog Inputs to AGND (REFIN, BIPOFF, 10VIN) ...........±16.5V
20VIN to AGND....................................................................±24V
REFOUT...................................Indefinite short to VCC or AGND
Power Dissipation (any package) to +75°C ..................1000mW
Derates above +75°C...............................................10mW/°C
Operating Temperature Ranges
MAX174_C, MX_74AJ/K/L .....................................0 to +70°C
MAX174_E, MX_74AJE/KE/LE ...................... -40°C to +85°C
MAX174_M, MX_74AS/T/U.......................... -55°C to +125°C
Storage Temperature Range............................ -55°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
PDIP, Wide SO ............................................................+260°C
PLCC ...........................................................................+245°C
(VL = +5V, VEE = +15V or +12V, VEE = -15V or -12V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
RES
12
Bits
Integral Nonlinearity
INL
T
A = +25°C
MAX174A/B
±1/2
LSB
MAX174C
±1
T
A = TMIN to
T
MAX
MAX174AC/BC
±1/2
MAX174AE/BE/AM/BM
±3/4
MAX174C
±1
Differential Nonlinearity
DNL
12 bits, no missing codes over temperature
±1
LSB
Unipolar Offset Error (Note 1)
MAX174A/B
±1
LSB
MAX174C
±2
Bipolar Offset Error (Notes 2, 3)
MAX174A
±3
LSB
MAX174B/C
±4
Full-Scale Calibration Error (Note 3)
±0.25
%
TEMPERATURE COEFFICIENTS (Using Internal Reference) (Notes 2, 3, 4)
Unipolar Offset Change
MAX174A/B
±1
LSB
MAX174C
±2
Bipolar Offset Change
MAX174AC/BC
±1
LSB
MAX174CC
±2
MAX174AE/AM
±1
MAX174BE/BM
±2
MAX174CE/CM
±4
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics—MAX174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com