Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP404476 Datasheet(PDF) 2 Page - CUI INC

Part # CP404476
Description  PELTIER MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP404476 Datasheet(HTML) 2 Page - CUI INC

  CP404476 Datasheet HTML 1Page - CUI INC CP404476 Datasheet HTML 2Page - CUI INC CP404476 Datasheet HTML 3Page - CUI INC CP404476 Datasheet HTML 4Page - CUI INC CP404476 Datasheet HTML 5Page - CUI INC CP404476 Datasheet HTML 6Page - CUI INC CP404476 Datasheet HTML 7Page - CUI INC CP404476 Datasheet HTML 8Page - CUI INC CP404476 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
date 11/17/2020
│ page 2 of 15
cuidevices.com
CUI Devices
│ SERIES: CP40 │ DESCRIPTION: PELTIER MODULE
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
soldermeltingtemperature
connectionbetweenthermoelectricpairs
CP40347,CP40447,CP40147,CP40247,CP402533
CP40301547,CP404046,CP40439,CP4055485
all other models
235
138
°C
°C
assemblycompression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96%AL
2O3
wireleads(3.3&
3.6mmmodels)
22AWG
tin
wireleads
(all other
models)
20AWG
tin
sealer
siliconrubber703RTV(betweencold
and hot side plates)
joint cover
siliconrubber703RTV
marking
P/N&S/Nprintedoncoldside
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP40136
15±0.3
15±0.3
3.6±0.1
CP40236
20±0.3
20±0.3
3.6±0.1
CP40336
30±0.3
30±0.3
3.6±0.1
CP40147
15±0.3
15±0.3
4.6±0.1
CP40247
20±0.3
20±0.3
4.6±0.1
CP4025331
25±0.3
25±0.3
3.3±0.1
CP40301547
30±0.3
15±0.3
4.6±0.1
CP403471
30±0.3
30±0.3
4.6±0.1
CP404391
40±0.3
40±0.3
3.9±0.1
CP404046
40±0.3
40±0.3
4.6±0.1
CP404471
40±0.3
40±0.3
4.6±0.1
CP40554851
55±0.3
55±0.3
4.85±0.1
Notes:1.WireleadstriplengthonmodelsCP40347,CP40447,CP40439,CP402533,&CP4055485is10±3.0mm.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com