Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP404476 Datasheet(PDF) 1 Page - CUI INC

Part # CP404476
Description  PELTIER MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP404476 Datasheet(HTML) 1 Page - CUI INC

  CP404476 Datasheet HTML 1Page - CUI INC CP404476 Datasheet HTML 2Page - CUI INC CP404476 Datasheet HTML 3Page - CUI INC CP404476 Datasheet HTML 4Page - CUI INC CP404476 Datasheet HTML 5Page - CUI INC CP404476 Datasheet HTML 6Page - CUI INC CP404476 Datasheet HTML 7Page - CUI INC CP404476 Datasheet HTML 8Page - CUI INC CP404476 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
date 11/17/2020
page 1 of 15
SERIES: CP40
│ DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• arcTEC™ structure on select models
• solid state device
• precise temperature control
• quiet operation
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP40136
3.8
4.0
0.80
8.1
9.0
66
72
CP40236
8.6
4.0
2.0
18.7
21.8
66
72
CP40336
15.4
4.0
3.5
33.4
37.3
66
72
CP40147
2.1
4.0
0.42
4.2
4.6
68
75
CP40247
3.8
4.0
0.77
7.5
8.3
68
75
CP4025336
15.4
4.0
2.88
35.2
39.0
68
75
CP40301547
4.2
4.0
0.87
8.4
9.2
68
75
CP403476
8.6
4.0
1.76
19.6
21.6
70
77
CP404396
19.5
4.0
4.18
45.0
49.5
68
75
CP4040466
24.1
4.0
4.94
55.7
61.2
68
75
CP404476
15.4
4.0
3.15
32.0
35.2
70
77
CP40554856
29.8
4.0
5.97
63.0
69.0
70
77
Notes:
1.MaximumvoltageatΔTmaxandT
h=27°C
2.MaximumcurrenttoachieveΔTmax
3.MeasuredbyAC4-terminalmethodat25°C
4.MaximumheatabsorbedatcoldsideoccursatI
max, Vmax,and∆T=0°C
5.MaximumtemperaturedifferenceoccursatI
max, Vmax,andQ=0W(ΔTmaxmeasuredinavacuumat1.3Pa)
6.DesignedwitharcTEC™structure.
Additional Resources: Product Page | 3D Model


Similar Part No. - CP404476

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP40447 CUI-CP40447 Datasheet
775Kb / 11P
PELTIER MODULE
CP40447 CUI-CP40447 Datasheet
796Kb / 11P
PELTIER MODULE
logo
Same Sky Devices
CP404471 SAMESKY-CP404471 Datasheet
1Mb / 15P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP404476

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP60H CUI-CP60H Datasheet
946Kb / 10P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com