Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L053C8 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 52Page - STMicroelectronics STM32L053C8 Datasheet HTML 53Page - STMicroelectronics STM32L053C8 Datasheet HTML 54Page - STMicroelectronics STM32L053C8 Datasheet HTML 55Page - STMicroelectronics STM32L053C8 Datasheet HTML 56Page - STMicroelectronics STM32L053C8 Datasheet HTML 57Page - STMicroelectronics STM32L053C8 Datasheet HTML 58Page - STMicroelectronics STM32L053C8 Datasheet HTML 59Page - STMicroelectronics STM32L053C8 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
Electrical characteristics
STM32L053x6 STM32L053x8
56/136
DS10152 Rev 9
6.3
Operating conditions
6.3.1
General operating conditions
Table 24. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1 Internal APB1 clock frequency
-
0
32
fPCLK2 Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled, at power-on
1.8
3.6
BOR detector disabled, after power-on
1.65
3.6
VDDA
Analog operating voltage (DAC not
used)
Must be the same voltage as VDD(1)
1.65
3.6
V
VDDA
Analog operating voltage (all
features)
Must be the same voltage as VDD(1)
1.8
3.6
V
VDD_
USB
Standard operating voltage, USB
domain(2)
USB peripheral used
3.0
3.6
V
USB peripheral not used
0
3.6
VIN
Input voltage on FT, FTf and RST
pins(3)
2.0 V
≤VDD ≤3.6 V
-0.3
5.5
V
1.65 V
≤VDD ≤2.0 V
-0.3
5.2
Input voltage on BOOT0 pin
-
0
5.5
Input voltage on TC pin
-
-0.3
VDD+0.3
PD
Power dissipation at TA = 85 °C
(range 6) or TA =105 °C (rage 7) (4)
TFBGA64
-
327
mW
LQFP64
-
444
LQFP48
-
363
UFQFPN48
-
654
Power dissipation at TA = 125 °C
(range 3)(4)
TFBGA64
-
81
LQFP64
-
111
LQFP48 packge
-
91
UFQFPN48
-
163
TA
Temperature range
Maximum power dissipation (range 6)
–40
85
°C
Maximum power dissipation (range 7)
–40
105
Maximum power dissipation (range 3)
–40
125
TJ
Junction temperature range (range 6) -40 °C
≤TA ≤85 °
–40
105
Junction temperature range (range 7) -40 °C
≤TA ≤105 °C
–40
125
Junction temperature range (range 3) -40 °C
≤TA ≤125 °C
–40
130
1. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and VDDA
can be tolerated during power-up and normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com