Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L053C8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 58Page - STMicroelectronics STM32L053C8 Datasheet HTML 59Page - STMicroelectronics STM32L053C8 Datasheet HTML 60Page - STMicroelectronics STM32L053C8 Datasheet HTML 61Page - STMicroelectronics STM32L053C8 Datasheet HTML 62Page - STMicroelectronics STM32L053C8 Datasheet HTML 63Page - STMicroelectronics STM32L053C8 Datasheet HTML 64Page - STMicroelectronics STM32L053C8 Datasheet HTML 65Page - STMicroelectronics STM32L053C8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
Electrical characteristics
STM32L053x6 STM32L053x8
62/136
DS10152 Rev 9
Figure 12. IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code running from
Flash memory, Range 2, HSE, 1WS
Figure 13. IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code running from
Flash memory, Range 2, HSI16, 1WS
MSv34792V1
Dhrystone 2.1 - 1 WS - 55°C
Dhrystone 2.1- 1 WS - 85°C
Dhrystone 2.1- 1 WS – 25°C
Dhrystone 2.1- 1 WS - 105°C
0
0.50
1.00
1.50
2.00
2.50
3.00
1.80E+00
2.00E+00
2.20E+00
2.40E+00
2.60E+00
2.80E+00
3.00E+00
3.20E+00
3.40E+00
3.60E+00
IDD (mA)
VDD (V)
MSv34793V1
IDD (mA)
VDD (V)
Dhrystone 2.1 - 1 WS - 55°C
Dhrystone 2.1- 1 WS - 85°C
Dhrystone 2.1- 1 WS – 25°C
Dhrystone 2.1- 1 WS - 105°C
0
0.50
1.00
1.50
2.00
2.50
3.00
1.80E+00
2.00E+00 2.20E+00 2.40E+00 2.60E+00 2.80E+00 3.00E+00 3.20E+00 3.40E+00 3.60E+00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com