Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F051X4 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F051X4
Description  ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051X4 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F051X4 Datasheet HTML 48Page - STMicroelectronics STM32F051X4 Datasheet HTML 49Page - STMicroelectronics STM32F051X4 Datasheet HTML 50Page - STMicroelectronics STM32F051X4 Datasheet HTML 51Page - STMicroelectronics STM32F051X4 Datasheet HTML 52Page - STMicroelectronics STM32F051X4 Datasheet HTML 53Page - STMicroelectronics STM32F051X4 Datasheet HTML 54Page - STMicroelectronics STM32F051X4 Datasheet HTML 55Page - STMicroelectronics STM32F051X4 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
Electrical characteristics
STM32F051x4 STM32F051x6 STM32F051x8
52/122
DocID022265 Rev 7
Table 27. Typical and maximum current consumption in Stop and Standby modes
Sym-
bol
Para-
meter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V
2.7 V
3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current
in Stop
mode
Regulator in run
mode, all oscillators
OFF
15
15.1
15.3
15.5
15.7
16
(2)
(2)
µA
Regulator in low-
power mode, all
oscillators OFF
3.2
3.3
3.4
3.5
3.7
4
(2)
(2)
Supply
current
in
Standby
mode
LSI ON and IWDG
ON
0.8
1.0
1.1
1.2
1.4
1.5
-
-
-
LSI OFF and IWDG
OFF
0.7
0.8
0.9
1.0
1.1
1.3
2(2)
2.5
3(2)
IDDA
Supply
current
in Stop
mode
Regulator in run
mode, all
oscillators OFF
1.9
2
2.2
2.3
2.5
2.6
3.5(2)
3.5
4.5(2)
Regulator in low-
power mode, all
oscillators OFF
1.9
2
2.2
2.3
2.5
2.6
3.5(2)
3.5
4.5(2)
Supply
current
in
Standby
mode
LSI ON and
IWDG ON
2.3
2.5
2.7
2.9
3.1
3.3
-
-
-
LSI OFF and
IWDG OFF
1.8
1.9
2
2.2
2.3
2.5
3.5(2)
3.5
4.5(2)
Supply
current
in Stop
mode
Regulator in run
mode, all
oscillators OFF
1.1
1.2
1.2
1.2
1.3
1.4
-
-
-
Regulator in low-
power mode, all
oscillators OFF
1.1
1.2
1.2
1.2
1.3
1.4
-
-
-
Supply
current
in
Standby
mode
LSI ON and
IWDG ON
1.5
1.6
1.7
1.8
1.9
2.0
-
-
-
LSI OFF and
IWDG OFF
1
1.0
1.1
1.1
1.2
1.2
-
-
-
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com