Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F051X4 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F051X4
Description  ARM®-based 32-bit MCU, 16 to 64 KB Flash, 11 timers, ADC, DAC and communication interfaces, 2.0-3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051X4 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F051X4 Datasheet HTML 27Page - STMicroelectronics STM32F051X4 Datasheet HTML 28Page - STMicroelectronics STM32F051X4 Datasheet HTML 29Page - STMicroelectronics STM32F051X4 Datasheet HTML 30Page - STMicroelectronics STM32F051X4 Datasheet HTML 31Page - STMicroelectronics STM32F051X4 Datasheet HTML 32Page - STMicroelectronics STM32F051X4 Datasheet HTML 33Page - STMicroelectronics STM32F051X4 Datasheet HTML 34Page - STMicroelectronics STM32F051X4 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
DocID022265 Rev 7
31/122
STM32F051x4 STM32F051x6 STM32F051x8
Pinouts and pin descriptions
36
Table 12. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input-only pin
I/O
Input / output pin
I/O structure
FT
5 V-tolerant I/O
FTf
5 V-tolerant I/O, FM+ capable
TTa
3.3 V-tolerant I/O directly connected to ADC
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 13. Pin definitions
Pin number
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions
1
B2
1
-
-
-
VBAT
S
-
-
Backup power supply
2
A2
2
A6
-
-
PC13
I/O
TC
(1)(2)
-
RTC_TAMP1,
RTC_TS,
RTC_OUT,
WKUP2
3A1
3
B6
-
-
PC14-OSC32_IN
(PC14)
I/O
TC
(1)(2)
-
OSC32_IN
4B1
4
C6
-
-
PC15-OSC32_OUT
(PC15)
I/O
TC
(1)(2)
-
OSC32_OUT
5C1
5
B5
2
2
PF0-OSC_IN
(PF0)
I/O
FT
-
-
OSC_IN
6D1
6
C5
3
3
PF1-OSC_OUT
(PF1)
I/O
FT
-
-
OSC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com