Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052C6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 54Page - STMicroelectronics STM8L052C6 Datasheet HTML 55Page - STMicroelectronics STM8L052C6 Datasheet HTML 56Page - STMicroelectronics STM8L052C6 Datasheet HTML 57Page - STMicroelectronics STM8L052C6 Datasheet HTML 58Page - STMicroelectronics STM8L052C6 Datasheet HTML 59Page - STMicroelectronics STM8L052C6 Datasheet HTML 60Page - STMicroelectronics STM8L052C6 Datasheet HTML 61Page - STMicroelectronics STM8L052C6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
Electrical parameters
STM8L052C6
58/103
DocID023331 Rev 2
Table 17. Total current consumption in Run mode
Symbol
Para
meter
Conditions(1)
1.
All peripherals OFF, VDD from 1.8 V to 3.6 V, HSI internal RC oscillator, fCPU=fSYSCLK
Typ
Max
Unit
55 °C
85 °C
IDD(RUN)
Supply
current
in run
mode(2)
2.
CPU executing typical data processing
All
peripherals
OFF,
code
executed
from RAM,
VDD from
1.8 V to 3.6 V
HSI RC osc.
(16 MHz)(3)
3.
The run from RAM consumption can be approximated with the linear formula:
IDD(run_from_RAM) = Freq * 90 µA/MHz + 380 µA
fCPU = 125 kHz
0.39
0.47
0.49
mA
fCPU = 1 MHz
0.48
0.56
0.58
fCPU = 4 MHz
0.75
0.84
0.86
fCPU = 8 MHz
1.10
1.20
1.25
fCPU = 16 MHz
1.85
1.93
2.12(5)
HSE external
clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz
0.05
0.06
0.09
fCPU = 1 MHz
0.18
0.19
0.20
fCPU = 4 MHz
0.55
0.62
0.64
fCPU = 8 MHz
0.99
1.20
1.21
fCPU = 16 MHz
1.90
2.22
2.23(5)
LSI RC osc.
(typ. 38 kHz)
fCPU = fLSI
0.040 0.045
0.046
LSE external
clock
(32.768 kHz)
fCPU = fLSE
0.035 0.040 0.048(5)
IDD(RUN)
Supply
current
in Run
mode
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.8 V to 3.6 V
HSI RC
oscillator.(6)
fCPU = 125 kHz
0.43
0.55
0.56
mA
fCPU = 1 MHz
0.60
0.77
0.80
fCPU = 4 MHz
1.11
1.34
1.37
fCPU = 8 MHz
1.90
2.20
2.23
fCPU = 16 MHz
3.8
4.60
4.75
HSE external
clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz
0.30
0.36
0.39
fCPU = 1 MHz
0.40
0.50
0.52
fCPU = 4 MHz
1.15
1.31
1.40
fCPU = 8 MHz
2.17
2.33
2.44
fCPU = 16 MHz
4.0
4.46
4.52
LSI RC osc.
fCPU = fLSI
0.110
0.123
0.130
LSE ext. clock
(32.768
kHz)(7)
fCPU = fLSE
0.100 0.101
0.104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com