Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC572LX Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 75Page - STMicroelectronics SPC572LX Datasheet HTML 76Page - STMicroelectronics SPC572LX Datasheet HTML 77Page - STMicroelectronics SPC572LX Datasheet HTML 78Page - STMicroelectronics SPC572LX Datasheet HTML 79Page - STMicroelectronics SPC572LX Datasheet HTML 80Page - STMicroelectronics SPC572LX Datasheet HTML 81Page - STMicroelectronics SPC572LX Datasheet HTML 82Page - STMicroelectronics SPC572LX Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
DocID027866 Rev 5
79/112
SPC572Lx
Electrical characteristics
111
Figure 28. DSPI PCS strobe (PCSS) timing (master mode)
3.17.2.1.2 DSPI CMOS Master Mode – Modified Timing
PCSx
PCSS
tPCSC
tPASC
Table 42. DSPI CMOS master modified timing (full duplex and output only) – MTFE = 1, CPHA = 0
or 1(1)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max
1tSCK
CC
D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC
CC
D PCS to SCK delay SCK and PCS drive strength
Very strong
25 pF
(N(4) × tSYS(5))–16
—ns
Strong
50 pF
(N(4) × tSYS(5))–16
—
Medium
50 pF
(N(4) × tSYS(5))–26
—
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
(N(4) × tSYS(5))–38
—
3tASC
CC
D After SCK delay
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
PCS medium
and SCK
strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
4tSDC
CC
D SCK duty cycle(7)
SCK drive strength
Very strong
0pF
1/2tSCK –2
1/2tSCK +2 ns
Strong
0pF
1/2tSCK –2
1/2tSCK +2
Medium
0pF
1/2tSCK –5
1/2tSCK +5
PCS strobe timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com