Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC572LX Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 37Page - STMicroelectronics SPC572LX Datasheet HTML 38Page - STMicroelectronics SPC572LX Datasheet HTML 39Page - STMicroelectronics SPC572LX Datasheet HTML 40Page - STMicroelectronics SPC572LX Datasheet HTML 41Page - STMicroelectronics SPC572LX Datasheet HTML 42Page - STMicroelectronics SPC572LX Datasheet HTML 43Page - STMicroelectronics SPC572LX Datasheet HTML 44Page - STMicroelectronics SPC572LX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
DocID027866 Rev 5
41/112
SPC572Lx
Electrical characteristics
111
1. PLL0IN clock retrieved directly from either Internal RC Oscillator (IRCOSC) or External Oscillator (XOSC) clock. Input
characteristics are granted when using XOSC.
2. fPLL0IN frequency must be scaled down using PLLDIG_PLL0DV[PREDIV] to ensure PFD input signal is in the range of
8MHz-20MHz.
3.
VDD_LV noise due to application in the range VDD_LV = 1.25 V ± 5% with frequency below PLL bandwidth (40 kHz) is
filtered.
Table 21. External oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fXTAL
CC D Crystal frequency range(1)
—
—
—
48
MHz
> 8
20
> 20
40
tcst
CC T Crystal start-up time(2)(3)
——
5
ms
trec
CC T Crystal recovery time(4)
——
0.5
ms
VIHEXT CC D EXTAL input high voltage
(External Reference)
VREF = 0.28 * VDD_HV_IO_JTAG
VREF + 0.6
—
V
VILEXT CC D EXTAL input low voltage(5)
VREF = 0.28 * VDD_HV_IO_JTAG
—VREF - 0.6
V
CS_EXTAL CC T Total on-chip stray
capacitance on EXTAL pin
—
—
2.5 + value
from
Table 22
pF
CS_XTAL CC T Total on-chip stray
capacitance on XTAL pin
—
—
2.5 + value
from
Table 22
pF
gm
CC D Oscillator Transconductance
TJ =-40 °C to
150 °C
4.5 V <
VDD_HV_IO <
5.5 V
fXTAL ≤ 8MHz
2.6
11.0
mA/V
DfXTAL ≤ 20 MHz
7.9
26.0
DfXTAL ≤ 40 MHz
10.4
34.0
IXTAL
CC D XTAL current(6)
TJ = 150 °C
—
14
mA
VHYS
CC D Comparator Hysteresis
TJ = 150 °C
0.1
1.0
V
1. The range is selectable by DCF record.
2. This value is determined by the crystal manufacturer and board design.
3. Proper PC board layout procedures must be followed to achieve specifications.
4. Crystal recovery time is the time for the oscillator to settle to the correct frequency after adjustment of the integrated load
capacitor value.
5. Applies to an external clock input and not to crystal mode.
6. IXTAL is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded. Test circuit is shown in
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com