Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC572L60F2 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 42Page - STMicroelectronics SPC572L60F2 Datasheet HTML 43Page - STMicroelectronics SPC572L60F2 Datasheet HTML 44Page - STMicroelectronics SPC572L60F2 Datasheet HTML 45Page - STMicroelectronics SPC572L60F2 Datasheet HTML 46Page - STMicroelectronics SPC572L60F2 Datasheet HTML 47Page - STMicroelectronics SPC572L60F2 Datasheet HTML 48Page - STMicroelectronics SPC572L60F2 Datasheet HTML 49Page - STMicroelectronics SPC572L60F2 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
Electrical characteristics
SPC572Lx
46/112
DocID027866 Rev 5
3.12.2
SAR ADC electrical specification
The SARn ADCs are 12-bit Successive Approximation Register analog-to-digital converters
with full capacitive DAC. The SARn architecture allows input channel multiplexing.
ILK_INREF
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
weak pull-down and alternate reference
TJ< 40 °C, no current
injection on adjacent
pin
—160
nA
CTJ < 150 °C, no current
injection on adjacent
pin
—400
ILK_INOUT
CC
C
Input leakage current, two ADC
channels input, GPIO output buffer with
weak pull-up and weak pull-down
TJ <40 °C, no current
injection on adjacent
pin
—140
nA
CTJ < 150 °C, no current
injection on adjacent
pin
—380
IINJ
CC
T
Injection current on analog input
preserving functionality
Applies to any analog
pins
–3
3
mA
CHV_ADC
SR
D
VDD_HV_ADV external capacitance(2)
12.2
µF
CP1
CC
D
Pad capacitance
—
0
10
pF
CP2
CC
D
Internal routing capacitance
SARn channels
0
0.5
pF
D
SARB channels(3)
01
CP3
CC
D
Internal routing capacitance
Only for SARB
channels
01
pF
CS
CC
D
SAR ADC sampling capacitance
—
6
8.5
pF
RSWn
CC
D
Analog switches resistance
SARn channels
0
1.1
k
Ω
D
SARB channels(4)
01.7
RAD
CC
D
ADC input analog switches resistance
—
0
0.6
k
Ω
RCMSW
CC
D
Common mode switch resistance
—
0
2.6
k
Ω
RCMRL
CC
D
Common mode resistive ladder
—
0
3.5
k
Ω
RSAFEPD(4)
CC
D
Discharge resistance for AN7 channels
(strong pull-down for safety)
—0
300
W
ΣIADR
CC C+
P
Sum of ADC and S/D reference
consumption
ADC enabled
—
40
µA
1. All specifications in this table valid for the full input voltage range for the analog inputs.
2. For noise filtering, add a high frequency bypass capacitance of 0.1 µF between VDD_HV_ADV and VSS_HV_ADV.
3. Characteristics corresponding to fast SARn channels also apply to SARB fast channels (AN16, AN17 and AN24).
4. Safety pull-down is available for port pin PE[14]. It enables discharge of up to 100 nF from 5 V every 300 ms.
Table 24. ADC pin specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com