Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC572L60F2 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC572L60F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 60Page - STMicroelectronics SPC572L60F2 Datasheet HTML 61Page - STMicroelectronics SPC572L60F2 Datasheet HTML 62Page - STMicroelectronics SPC572L60F2 Datasheet HTML 63Page - STMicroelectronics SPC572L60F2 Datasheet HTML 64Page - STMicroelectronics SPC572L60F2 Datasheet HTML 65Page - STMicroelectronics SPC572L60F2 Datasheet HTML 66Page - STMicroelectronics SPC572L60F2 Datasheet HTML 67Page - STMicroelectronics SPC572L60F2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
Electrical characteristics
SPC572Lx
64/112
DocID027866 Rev 5
The following supplies are involved:
•
HV—High voltage external power supply for voltage regulator module. It is shorted with
VDD_HV_IO.
•
BV—High voltage external power supply for internal ballast module. It is shorted with
VDD_HV_IO.
•
LV—Low voltage internal power supply for core, PLL and flash digital logic. This is
generated by the internal voltage regulator but provided outside to connect stability
capacitor. It is split into three further domains to ensure noise isolation between critical
LV modules within the device:
–
LV_COR—Low voltage supply for the core. It is also used to provide supply for
PLL through double bonding.
–
LV_FLA—Low voltage supply for code flash module. It is supplied with dedicated
ballast and shorted to LV_COR through double bonding.
–
LV_PLL—Low voltage supply for PLL. It is shorted to LV_COR through double
bonding.
Table 31. Voltage regulator electrical characteristics
Symbol
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
CREG
SR Internal voltage regulator stability
external capacitance
—1.1
2.2(3)
2.97
µF
RREG
SR Stability capacitor equivalent serial
resistance
Total resistance including
board track
1—
50
m
Ω
CDECREGn SR Internalvoltage regulator decoupling
external capacitance
—
50
100
135
nF
RDECREGn SR Stability capacitor equivalent serial
resistance
—1
—
50
m
Ω
CDECBV
SR Decoupling capacitance(4) ballast
VDD_HV_IO_MAIN/VSS pair
—
4(3)
—µF
CDECHV
SR Decoupling capacitance regulator
supply
VDD_HV_IO_MAIN/VSS pair
10
100
—
nF
CDECFLA
SR Decoupling capacitance for flash
supply
VDD_HV_FLA/VSS pair
65
100
—
nF
D
VMREG
CC Main regulator output voltage
Before trimming
1.19
1.26
1.33(5)
V
CC
After trimming
1.16
1.28
1.32(6)
IDDMREG SR Main regulator current provided to
VDD_LV domain
—
—
—
125
mA
ΔIDDMREG SR Main regulator current variation
20 µs observation window
–60
—
60
mA
IMREGINT(7) D Main regulator current consumption
—
—
1.5
3.0
mA
1. VDD = 5.0 V ± 10%, TA = –40 / 125 °C, unless otherwise specified.
2. All values need to be confirmed during device validation.
3. Recommended X7R or X5R ceramic –50% / +35% variation across process, temperature, voltage and after aging.
4. This capacitance value is driven by the constraints of the external voltage regulator supplying the VDD_BV voltage. A typical
value is in the range of 470 nF.
5. At power-up condition before trimming at 27 °C, no load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com