Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B60E1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC582B60E1
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B60E1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC582B60E1 Datasheet HTML 3Page - STMicroelectronics SPC582B60E1 Datasheet HTML 4Page - STMicroelectronics SPC582B60E1 Datasheet HTML 5Page - STMicroelectronics SPC582B60E1 Datasheet HTML 6Page - STMicroelectronics SPC582B60E1 Datasheet HTML 7Page - STMicroelectronics SPC582B60E1 Datasheet HTML 8Page - STMicroelectronics SPC582B60E1 Datasheet HTML 9Page - STMicroelectronics SPC582B60E1 Datasheet HTML 10Page - STMicroelectronics SPC582B60E1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
DS11597 Rev 4
7/115
SPC582Bx
Description
11
2.2
Block diagram
The figures below show the top-level block diagrams.
System Timers
8 PIT channels
4 AUTOSAR® (STM)
RTC/API
eMIOS
32 channels
BCTU
32 channels
Interrupt controller
1 x 151 sources
ADC (SAR)
One 12-bit, up to 27 channels
Self Test Controller
Yes
PLL
Dual PLL with FM
Integrated linear voltage regulator
Yes
External Power Supplies
5 V, 3.3 V
Low Power Modes
STOP Mode
HALT Mode
Standby Mode
Table 2. SPC582Bx device feature summary (continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com