Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B60E1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC582B60E1
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B60E1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC582B60E1 Datasheet HTML 32Page - STMicroelectronics SPC582B60E1 Datasheet HTML 33Page - STMicroelectronics SPC582B60E1 Datasheet HTML 34Page - STMicroelectronics SPC582B60E1 Datasheet HTML 35Page - STMicroelectronics SPC582B60E1 Datasheet HTML 36Page - STMicroelectronics SPC582B60E1 Datasheet HTML 37Page - STMicroelectronics SPC582B60E1 Datasheet HTML 38Page - STMicroelectronics SPC582B60E1 Datasheet HTML 39Page - STMicroelectronics SPC582B60E1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
Electrical characteristics
SPC582Bx
36/115
DS11597 Rev 4
Figure 6. Noise filtering on reset signal
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset
internal
reset
1
2
3a
3b
3c
VHYS
VPORST
Table 17. Reset PAD electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIHRES
SR
P
Input high level
TTL
VDD_HV =5.0 V ± 10%
VDD_HV =3.3 V ± 10%
2—
VDD_HV_IO
+0.3
V
VILRES
SR
P
Input low level
TTL
VDD_HV = 5.0 V ± 10%
-0.3
—
0.8
V
VDD_HV = 3.3 V ± 10%
-0.3
—
0.6
VHYSRES
CC
C
Input hysteresis
TTL
VDD_HV =5.0 V ± 10%
0.3
—
—
V
VDD_HV =3.3 V ± 10%
0.2
—
—
VDD_POR
CC
D
Minimum supply
for strong pull-
down activation
VDD_HV = 5.0 V ± 10%
—
—
1.6
V
VDD_HV = 3.3 V ± 10%
—
—
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com