Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 96Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 97Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 98Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 99Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 100Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 101Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 102Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 103Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
100/154
DS11646 Rev 4
3.18.2.1
DSPI master mode full duplex timing with CMOS and LVDS pads
3.18.2.1.1 DSPI CMOS master mode – classic timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
Table 54. DSPI channel frequency support
DSPI use mode(1)
Max usable
frequency
(MHz)(2),(3)
CMOS (Master
mode)
Full duplex – Classic timing (Table 55)
DSPI_0, DSPI_3,
DSPI_5, DSPI_7
12
DSPI_8
5
DSPI_1, DSPI_2,
DSPI_4, DSPI_6,
DSPI_9
17
Full duplex – Modified timing (Table 56)
DSPI_0, DSPI_3,
DSPI_5, DSPI_7
12
DSPI_8
5
DSPI_1, DSPI_2,
DSPI_4, DSPI_6,
DSPI_9
30
Output only mode (SCK/SOUT/PCS) (Table 55 and
Table 56)
—30
Output only mode TSB mode (SCK/SOUT/PCS)
—
30
LVDS (Master
mode)
Full duplex – Modified timing (Table 57)—
33
Output only mode TSB mode (SCK/SOUT/PCS)
(Table 58)
—40
CMOS (Slave mode Full duplex) (Table 60)—
16
1. Each DSPI module can be configured to use different pins for the interface. Refer to the device pinout Microsoft Excel file
attached to the IO_Definition document for the available combinations. It is not possible to reach the maximum
performance with every possible combination of pins.
2. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.
3. Maximum usable frequency does not take into account external device propagation delay.
Table 55. DSPI CMOS master classic timing (full duplex and output only)
MTFE = 0, CPHA = 0 or 1
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK
CC D SCK cycle time
SCK drive strength
Very strong
25 pF
59.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com