Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 15Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 16Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 17Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 18Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 19Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 20Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 21Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 22Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 154 page
background image
DS11646 Rev 4
19/154
SPC58EEx, SPC58NEx
Electrical characteristics
21
VSS_HV_ADR_D-
VSS_HV_ADV
SR
D
VSS_HV_ADR_D
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_S
SR
P
SAR ADC
reference
voltage
—
3.0
—
5.5
V
VDD_HV_ADR_S-
VDD_HV_ADV
SR
D
SAR ADC
reference
differential
voltage
—
VDD_HV_ADV
-10%
—25
mV
VSS_HV_ADR_S
SR
P
SAR ADC
ground
reference
voltage
—VSS_HV_ADV
V
VSS_HV_ADR_S-
VSS_HV_ADV
SR
D
VSS_HV_ADR_S
differential
voltage
—
–25
—
25
mV
VRAMP_LV
SR
D
Slew rate on
core power
supply pins
VDD_LV
VDD_LV_BD
——
20
V/ms
VRAMP_HV
SR
D
Slew rate on
HV power
supply
——
—
100
V/ms
VIN
SR
P
I/O input
voltage range
—0
—
5.5
V
IINJ1
SR
T
DC Injection
current (per
pin) without
performance
degradation(9)
(10) (11)
Digital pins and
analog pins
–3.0
—
3.0
mA
IINJ2
SR
D
Dynamic
Injection
current (per
pin) with
performance
degradation(11)
(12)
Digital pins and
analog pins
–10
—
10
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. The maximum number of PRAM wait states has to be configured accordingly to the system clock frequency. Refer to
Table 6.
3. Maximum operating frequency is applicable to the cores and platform of the device. See the Clock Chapter in the
Microcontroller Reference Manual for more information on the clock limitations for the various IP blocks on the device.
4. Core voltage as measured on device pin to guarantee published silicon performance.
Table 5. Operating conditions (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com