Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 133Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 134Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 135Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 136Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 137Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 138Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 139Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 140Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 154 page
background image
DS11646 Rev 4
137/154
SPC58EEx, SPC58NEx
Package information
140
4.3
Package thermal characteristics
The following tables describe the thermal characteristics of the device. The parameters in
this chapter have been evaluated by considering the device consumption configuration
reported in the Section 3.7: Device consumption.
4.3.1
LQFP176
4.3.2
FPBGA292
Table 80. Thermal characteristics for 176 exposed pad LQFP package
Symbol
C
Parameter(1)
Conditions
Value
Unit
RθJA
CC
D Junction-to-Ambient, Natural Convection(2) Four layer board (2s2p)
20.9
°C/W
RθJMA
CC
D
Junction-to-Moving-Air, Ambient(2)
at 200 ft./min., four layer
board (2s2p)
15.3
°C/W
RθJB
CC
D
Junction-to-board(3)
—9
°C/W
RθJCtop
CC
D
Junction-to-case top(4)
—
7.3
°C/W
RθJCbottom CC D
Junction-to-case bottom(5)
—1
°C/W
ΨJT
CC
D
Junction-to-package top(6)
Natural convection
1
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the exposed pad ground on the bottom of the package based on simulation
without any interface resistance.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 81. Thermal characteristics for 292-pin FPBGA
Symbol
C
Parameter(1)
Conditions
Value
Unit
RθJA
CC
D Junction-to-Ambient, Natural Convection (2) Four layer board (2s2p)
21.3
°C/W
RθJB
CC
D
Junction-to-board(3)
—9.8
°C/W
RθJC
CC
D
Junction-to-case(4)
—6.5
°C/W
ΨJT
CC
D
Junction-to-package top(5)
Natural convection
0.6
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-9) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com