Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 143Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 144Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 145Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 146Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 147Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 148Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 149Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 150Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 154 page
background image
DS11646 Rev 4
147/154
SPC58EEx, SPC58NEx
Revision history
153
03-April-2017
2
Table 36: LFAST PLL electrical characteristics:
– Min and Max value of parameter “ERRREF” updated from “TBD” to “-1” and
“+1” respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
ΔPERREF” updated from “10MHz” to “20MHz”.
– Max value of parameter “
ΔPERREF” for condition “Single period” updated
from “TBD” to “350”
– Min and Max value of parameter “
ΔPERREF” for condition “Long period”
updated from “TBD” to “-500” and “+500” respectively.
Table 37: Aurora LVDS electrical characteristics,:
– For parameter
|ΔVI_L|, changed classification to “T”
– For parameter
|ΔVOD_LVDS|, changed the classification to "T".
Table 45: Voltage monitor electrical characteristics:
–For VPOR200_C, changed the min value from 1.96 to 1.80
–For VPOR031_C, changed the max value from 0.85 to 0.97.
–For TVMFILTER, replaced T with D.
– Min value of “VPOR200_C” updated from “1.96” to “1.80”
– Max value of “VPOR031_C” updated from “.85” “0.97”
– Changed the min value of parameter VPOR200_C from “1.96” to “1.80”
– Changed the max value of parameter VPOR031_C from “0.85” to “0.97”
– Changed the condition of parameter TVMFILTER from “T” to “D”
Table 38: Power management regulators:
– Removed text “In parts packaged with LQFP176, the auxiliary and clamp
regulators cannot be enabled” from note 2.
– Removed column “Internal
– linear regulator internal ballast”
– Removed “Internal standby regulator” from SPC58NE84E7 device.
Table 39: External components integration:
– For PMOS, replaced “STT4P3LLH6” with “PMPB100XPEA”
– For NMOS, replaced “STT6N3LLH6” with “PMPB55XNEA”
– Added table footnote to typ value of CS2.
– Updated the parameters under ”SMPS Regulator Mode”
– Removed table footnote “External components number.......”
Table 44: SMPS Regulator specifications:
– Removed “Power-up, before trimming, no load”, from VSMPS.
– Updated the Min, Typ, and Max values for “After trimming, max load”
– Added parameter
δFSMPS.
– Updated parameter VSMPS.
– Added new parameter
δFSMPS
Table 40: Linear regulator specifications:
– Classification of parameter “IDDMREG” changed from “P” to “T”.
– Classification of parameter “IDDMREG” changed from “T” to “P”.
Table 41: Auxiliary regulator specifications:
– Classification of parameter “IDDAUX” changed from “P” to “T”.
– Classification of parameter “IDDAUX” changed from “T” to “P”.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com