Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584B64E3 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC584B64E3
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584B64E3 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC584B64E3 Datasheet HTML 53Page - STMicroelectronics SPC584B64E3 Datasheet HTML 54Page - STMicroelectronics SPC584B64E3 Datasheet HTML 55Page - STMicroelectronics SPC584B64E3 Datasheet HTML 56Page - STMicroelectronics SPC584B64E3 Datasheet HTML 57Page - STMicroelectronics SPC584B64E3 Datasheet HTML 58Page - STMicroelectronics SPC584B64E3 Datasheet HTML 59Page - STMicroelectronics SPC584B64E3 Datasheet HTML 60Page - STMicroelectronics SPC584B64E3 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
DS11701 Rev 4
57/142
SPC584Bx
Electrical characteristics
62
4.14
LFAST pad electrical characteristics
The LFAST(LVDS Fast Asynchronous Serial Transmission) pad electrical characteristics
apply to high-speed debug serial interfaces on the device.
4.14.1
LFAST interface timing diagrams
Figure 9. LFAST LVDS timing definition
Signal excursions above this level NOT allowed
Max. common mode input at RX
Signal excursions below this level NOT allowed
Min. common mode input at RX
Data Bit Period
Minimum Data Bit Time
Opening =
0.55 * T (LFAST)
Max Differential Voltage =
285 mV (LFAST)
Min Differential
Voltage =
100 mV (LFAST)
1743 mV
1600 mV
VOS = 1.2 V +/- 10 %
TX common mode
VICOM
150 mV
0V
1743 mV
“No-Go”
T = 1 /FDATA
VOD
VOD
PEREYE
PEREYE
PAD_N
PAD_P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com