Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584B64E3 Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPC584B64E3
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584B64E3 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPC584B64E3 Datasheet HTML 94Page - STMicroelectronics SPC584B64E3 Datasheet HTML 95Page - STMicroelectronics SPC584B64E3 Datasheet HTML 96Page - STMicroelectronics SPC584B64E3 Datasheet HTML 97Page - STMicroelectronics SPC584B64E3 Datasheet HTML 98Page - STMicroelectronics SPC584B64E3 Datasheet HTML 99Page - STMicroelectronics SPC584B64E3 Datasheet HTML 100Page - STMicroelectronics SPC584B64E3 Datasheet HTML 101Page - STMicroelectronics SPC584B64E3 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 142 page
background image
Electrical characteristics
SPC584Bx
98/142
DS11701 Rev 4
Note:
In the following table, all timing specifications are referenced from REF_CLK = 1.4 V to the
valid input levels, 0.8 V and 2.0 V.
Figure 40. RMII receive signal timing diagram
4.17.3.7
RMII transmit signal timing (TXD[1:0], TX_EN)
The transmitter functions correctly up to a REF_CLK maximum frequency of 50 MHz + 1 %.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the TX_CLK frequency, which is half that of the REF_CLK
frequency.
The transmit outputs (TXD[1:0], TX_EN) can be programmed to transition from either the
rising or falling edge of REF_CLK, and the timing is the same in either case. This option
allows the use of non-compliant RMII PHYs.
Note:
In the following table, all timing specifications are referenced from REF_CLK = 1.4 V to the
valid output levels, 0.8 V and 2.0 V.
RMII transmit signal valid timing specified is considering the rise/fall time of the ref_clk on
the pad as 1ns.
Table 54. RMII receive signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
R1
CC D RXD[1:0], CRS_DV to REF_CLK setup
4
—
ns
R2
CC D REF_CLK to RXD[1:0], CRS_DV hold
2
—
ns
R3
CC D REF_CLK pulse width high
35 %
65 %
REF_CLK period
R4
CC D REF_CLK pulse width low
35 %
65 %
REF_CLK period
R1
R2
REF_CLK (input)
RXD[1:0] (inputs)
CRS_DV
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com