Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE84E7 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 62Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 63Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 64Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 65Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 66Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 67Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 68Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 69Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
66/154
DS11646 Rev 4
3.12.5
SD ADC filter modes
15. Propagation of the information from the pin to the register CDR[CDATA] and flags SFR[DFEF], SFR[DFFF] is given by the
different modules that need to be crossed: delta/sigma filters, high pass filter, fifo module, clock domain synchronizers. The
time elapsed between data availability at pin and internal S/D module registers is given by the below formula:
REGISTER LATENCY = tLATENCY + 0.5/fADCD_S + 2 (~+1)/fADCD_M + 2(~+1)fPBRIDGEx_CLK where fADCD_S is the frequency
of the sampling clock, fADCD_M is the frequency of the modulator, and fPBRIDGEx_CLK is the frequency of the peripheral
bridge clock feeds to the ADC S/D module. The (~+1) symbol refers to the number of clock cycles uncertainty (from 0 to 1
clock cycle) to be added due to resynchronization of the signal during clock domain crossing. Some further latency may be
added by the target module (core, DMA, interrupt) controller to process the data received from the ADC S/D module.
16. This capacitance does not include pin capacitance, that can be considered together with external capacitance, before
sampling switch.
17. Consumption is given after power-up, when steady state is reached. Extra consumption up to 2 mA may be required during
internal circuitry set-up.
Table 30. Digital output codes in full scale
OSR
MCR[GECEN] = 1
24
31081
28
31077
32
31079
36
31075
40
31026
44
31040
48
31081
56
31077
64
31079
72
31075
75
31128
80
31026
88
31040
96
31081
112
31078
128
31079
144
31076
160
31026
176
31040
192
31081
224
31078
256
31079
512
31079
1024
31079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com