Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE84E7 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 33Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 34Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 35Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 36Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 37Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 38Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 39Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 40Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 154 page
background image
DS11646 Rev 4
37/154
SPC58EEx, SPC58NEx
Electrical characteristics
38
IRMS_S
CC
D
RMS I/O current for STRONG
configuration
CL = 25 pF, 50 MHz,
VDD = 5.0 V ± 10%
——
21
mA
CL = 50 pF, 25 MHz,
VDD = 5.0 V ± 10%
——
21
CL = 25 pF, 25 MHz,
VDD = 3.3 V ± 10%
——
10
CL = 25 pF, 12.5 MHz,
VDD = 3.3 V ± 10%
——
10
IRMS_V
CC
D
RMS I/O current for VERY
STRONG configuration
CL = 25 pF, 50 MHz,
VDD = 5.0 V ± 10%
——
23
mA
CL = 50 pF, 25 MHz,
VDD = 5.0 V ± 10%
——
23
CL = 25 pF, 50 MHz,
VDD = 3.3 V ± 10%
——
16
CL = 25 pF, 25 MHz,
VDD = 3.3 V ± 10%
——
16
Dynamic consumption(3)
IDYN_SEG
SR
D
Sum of all the dynamic and DC
I/O current within a supply
segment
VDD = 5.0 V ± 10%
—
—
195
mA
VDD = 3.3 V ± 10%
—
—
150
IDYN_W
CC
D
Dynamic I/O current for WEAK
configuration
CL =25pF, VDD =5.0 V ±
10%
—
—
16.7
mA
CL =50pF, VDD =5.0 V ±
10%
—
—
16.8
CL =25pF, VDD =3.3 V ±
10%
—
—
12.9
CL =50pF, VDD =3.3 V ±
10%
—
—
12.9
IDYN_M
CC
D
Dynamic I/O current for
MEDIUM configuration
CL =25pF, VDD =5.0 V ±
10%
—
—
18.2
mA
CL =50pF, VDD =5.0 V ±
10%
—
—
18.4
CL =25pF, VDD =3.3 V ±
10%
—
—
14.3
CL =50pF, VDD =3.3 V ±
10%
—
—
16.4
Table 17. I/O consumption (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com