Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE84E7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 119Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 120Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 121Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 122Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 123Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 124Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 125Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 126Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 154 page
background image
DS11646 Rev 4
123/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
Figure 46. TxEN signal propagation delays
3.18.4.2
TxD
Figure 47. TxD signal
Note:
In the following table, specifications valid according to FlexRay EPL 3.0.1 standard with
20%–80% levels and a 10 pF load at the end of a 50 Ohm, 1 ns stripline. Please refer to the
Very Strong I/O pad specifications.
dCCTxEN10
dCCTxEN01
TxEN
PE_Clk
dCCTxD50%
TxD
dCCTxDFALL
dCCTxDRISE
20 %
50 %
80 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com