Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE84E7 Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPC58EE84E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 145Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 146Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 147Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 148Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 149Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 150Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 151Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 152Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 154 page
background image
DS11646 Rev 4
149/154
SPC58EEx, SPC58NEx
Revision history
153
10-Oct-2017
3
Following are the changes for this release of the document:
Editorial and formatting changes throughout the document.
Replaced all references of “SPC58xEx_IO_Definition_v3.1.xlsx” attached to
this document by "device pin out IO definition excel file”
Updated the cover page.
Table 3: Parameter classifications:
– Updated the description of classification tag “T”.
Table 4: Absolute maximum ratings:
– Added text “In the range [1.26-1.33] V and if the above-mentioned......” to
note 1.
Table 5: Operating conditions:
– Removed note “Core voltage as ....”
– Changed the max value of parameter VRAMP_LV to “20”.
Table 9: Device consumption: Updated table and its values.
– Removed parameters IDDAR_LV, and IDDAR_HV
– Updated parameter “IDDHALT”
– Updated parameter “IDDSTOP”
–“IDD_LKG” parameter: Classification “P” changed to “C” when TJ =40°C.
Added footnote “IDD_LKG and IDD_LV are reported as...”
–“IDD_LV” parameter: added footnote “IDD_LKG and IDD_LV are reported as...”
Table 13: WEAK/SLOW I/O output characteristics:
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 14: MEDIUM I/O output characteristics:
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 15: STRONG/FAST I/O output characteristics:
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 11: I/O input electrical characteristics:
– For parameter “Vihcmos BD”, swapped the conditions for off and on.
– Replaced all references to the IO_definitions excel file by “the device pin out
IO definition excel file”
Table 20: PLL0 electrical characteristics:
– Added “fINFIN”
–Symbol “fINFIN” : changed “C” by “—” in column “C”
Table 21: PLL1 electrical characteristics:
– Added “fINFIN”
–Symbol “fINFIN” : changed “C” by “—” in column “C”
Table 23: 32 kHz External Slow Oscillator electrical specifications:
– Added “CC” to Tsxosc.
Table 26: ADC pin specification:
– For parameter CP2, updated the max value to “1”.
– Updated Max value for CS
Table 27: SARn ADC electrical specification:
– Added symbols tADCINIT and tADCBIASINIT
Table 28: ADC-Comparator electrical specification:
– Added new parameter “tADCINITSBY”.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com