Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58NH90C5 Datasheet(PDF) 140 Page - STMicroelectronics

Part # SPC58NH90C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 136Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 137Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 143Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 147 page
background image
Revision history
SPC58EHx, SPC58NHx
140/147
DS12304 Rev 5
26-Mar-2019
3
(cont’d)
– Added SDMMC feature details.
– Added OctalSPI feature details.
– Reworked Low power supply options
– Updated bullet “182 KB HSM...32 KB data)” to “224 KB HSM...32 KB data)”
– Updated “RGMII PHY...on TX clock” in bullet One ethernet controller 10/100/1000
Mbps
Chapter 3: Package pinouts and signal descriptions
:
2.: Pin descriptions
: removed LVDS pins.
Chapter 3: Electrical characteristics
Section 4.2: Absolute maximum ratings
:
Table 4: Absolute maximum ratings
: Added cross reference to footnote(2) to all
VDD_HV* and VIN
Section 4.3: Operating conditions
:
Table 5: Operating conditions
:
– changed table footnote on symbol FSYS.
– added symbol VRAMP_LV and its descriptions.
Removed PRAM wait states configuration table.
Table 6: Device supply relation during power-up/power-down sequence
: added supply
VDD_LV to supply1 and supply2 and set their respective descriptions.
Section 4.6: Temperature profile
:
Added the second paragraph.
Section 4.7: Device consumption
:
Table 8: Device consumption
:
– Updated footnote 4.
– Updated table footnote 5. “GW use case:...” on IDD_LV_GW and IDD_HV_GW
parameters.
– Added table footnote 6. “IDD_HV_BCM and IDD_HV_GW consumption...vs the
validation board used” on IDD_HV_GW, and IDD_HV_BCM parameters.
– Updated table footnote 7. “BCM use case...” on IDD_LV_BCM and IDD_HV_BCM
parameters.
– Updated table footnote 10. “Flash in Low Power. Sysclk at 160 MHz, PLL0_PHI at
160 MHz, XTAL at 40 MHz,...”
Section 4.8: I/O pad specification
Added note “The SPC58EHx, SPC58NHx microcontroller has many GPIOs...to strictly
avoid the above situation depicted of electrical contention.
Table 9: I/O pad specification descriptions
:
– Changed “the CMOS threshold” by “(VDD_HV_IO_MAIN / 2) +/-20%” at Standby
pads type.
– Added “SDMMC” and “OctalSPI“ interfaces to Very strong configuration description.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com