Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58NH90C5 Datasheet(PDF) 141 Page - STMicroelectronics

Part # SPC58NH90C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 137Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 143Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 144Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 147 page
background image
DS12304 Rev 5
141/147
SPC58EHx, SPC58NHx
Revision history
146
26-Mar-2019
3
(cont’d)
– Added sentence “Used for fast interface including Ethernet, SDMMC, OctalSPI and
FlexRay interfaces” to Ultra strong configuration description
– Removed “Differential configuration” row.
– Updated Standby pads description.
Table 14: STRONG/FAST I/O output characteristics
:
Updated values for tTR_S for condition CL = 25 pF and CL = 50 pF
Section 3.10: PLLs
:
Table 20: PLL0 electrical characteristics
:
–
|ΔPLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions value
–
|ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
– The maximum value of fPLL0PHI0 is changed from “400” to “FSYS” with a footnote
Section 4.11: Oscillators
:
Table 22: External 40 MHz oscillator electrical specifications
:
– Updated table footnote 1.: “DCF clients XOSC_LF_EN and XOSC_EN_40MHZ”
changed by “XOSC_FREQ_SEL”
– Updated table footnote 3.: This value is determined by the crystal manufacturer and
board design, and it can potentially be higher than the maximum provided.
Section 3.12: ADC system
:
Figure 8: Input equivalent circuit (Fast SARn and SARB channels)
:
Added parameter “CEXT: external capacitance” and component to scheme.
Table 26: ADC pin specification
:
– Added electrical specification for R20KΩ symbol.
– Changed Max value = 1 by 2 for Cp2 SARB channels
– Added row for symbol “CEXT / SR”.
Table 27: SARn ADC electrical specification
:
– Column “C” splitted and added “D” for IADV_S
– Added row for symbol “TUEINJ2 / CC”.
Table 28: ADC-Comparator electrical specification
:
– Column “C” splitted and added “D” for IADV_S
– Set min = 5/fADCK µs with footnote “In case the ADC is used as Fast Comparator the
sampling time is tADCSAMPLE = 2/fADCK”
– Set min = 6/fADCK for ADC comparator mode, at symbol tADCSAMPLE.
– Added row for symbol “TUEINJ2 / CC”.
– Added “ADC comparator mode” condition to the following two parameters: IADCREFH
Min: - and Max: 19.5 µA and IADCREFL Min: - and Max: 20.5 µA
– Added row for symbol “TUEINJ2 / CC”.
Section 4.14: Power management
:
– Removed SMPS Regulator Mode figure.
– Removed SMPS Regulator specifications table.
Table 30: Power management regulators
:
Updated footnote 2.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com