Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58NH90C5 Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPC58NH90C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 141Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 142Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 143Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 144Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 145Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 146Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 144 / 147 page
background image
Revision history
SPC58EHx, SPC58NHx
144/147
DS12304 Rev 5
12-May-2020
4
Throughout document:
Formatting and editorial changes.
The following changes have been made:
Updated the sub-title for Cover page
Updated Chapter 1: Introduction:
removed “Document overview” section title.
Updated section 1.2 Description to Chapter 2: Description
Chapter 4: Electrical characteristics
:
Section 4.3: Operating conditions
:
– Section Table 5.: Operating conditions: VDD_HV_ADR_S: removed line for C condition.
Updated Section 4.6: Temperature profile
Section 4.7: Device consumption
:
Table 8: Device consumption
: added Footnote in row-headed IDDSTBY8, IDDSTBY128
and IDDSTBY256.
Section 4.8: I/O pad specification
:
Table 16: ULTRA STRONG/ULTRA FAST I/O output characteristics
: updated Min and
Max values for row-headed tTR_U and IDCMAX_U
Section 4.9: Reset pad (PORST) electrical characteristics
:
Figure 5: Startup Reset requirements
: deleted VDDMIN
Updated content for Section 4.10: PLLs:
Section 4.10.1: PLL0
:
Table 20: PLL0 electrical characteristics
:
– Changed condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and IPLL0.
– Updated Max value for fPLL0PHI0 symbol and removed the footnote.
Section 4.10.2: PLL1
:
Table 21: PLL1 electrical characteristics
: changed condition from T to D for IPLL1
Added Section 4.10.3: PLL_ETH
Section 4.11: Oscillators
:
Section 4.11.1: Crystal oscillator 40 MHz
:
Table 22: External 40 MHz oscillator electrical specifications
: updated conditions in
row-headed VIHEXT and VILEXT
Section 4.11.3: RC oscillator 16 MHz
:
Table 24: Internal RC oscillator electrical specifications
:
– Updated 1.
– Updated Max value for IFIRC.
Table 78. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com