Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH30RQ06 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH30RQ06
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH30RQ06 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Figure 7. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z
/R
th (j-c)
t h(j-c)
t ( s )
p
Single pulse
Figure 8. Peak reverse recovery current versus dIF/dt
(typical values)
0
5
10
15
20
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
dI / dt(A/ µs)
F
IF = 30 A
IF = 7.5 A
IF = 15 A
VR = 400 V
Tj = 125°C
Figure 9. Reverse recovery time versus dIF/dt (typical
values)
0
40
80
120
160
200
240
0
50
100
150
200
250
300
350
400
450
500
VR = 400 V
Tj = 125°C
IF = 30 A
IF = 7.5 A
IF = 15 A
dIF /dt(A/µs)
tRR(ns)
Figure 10. Reverse recovery charges versus dIF/dt (typical
values)
0
200
400
600
800
0
50
100
150
200
250
300
350
400
450
500
VR = 400 V
Tj = 125°C
IF = 30 A
IF = 7.5 A
IF = 15 A
dIF /dt(A/µs)
QRR(nC)
Figure 11. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.4
0.8
1.2
1.6
2.0
0
50
100
150
200
250
300
350
400
450
500
VR = 400 V
Tj = 125°C
dIF /dt(A/µs)
Sfactor
Figure 12. Relative variations of dynamic parameters
versus junction temperature
0.0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
V
R = 400 V
Reference :Tj = 125 °C
Tj(°C)
IF = IF(AV)
IRM
SFACTOR
QRR
STTH30RQ06
Characteristics (curves)
DS12164 - Rev 5
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com