Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH30RQ06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30RQ06
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30RQ06 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
K
A
TO-220AC
K
A
K
D²PAK HV
K
NC
A
DO-247
K
A
D²PAK
K
NC
A
K
A
DO-247 LL
A
K
K
K
Features
High junction temperature capability
Ultrafast with soft recovery behavior
Low reverse current
Low thermal resistance
Reduce switching and conduction losses
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top
coating)
ECOPACK2 compliant (DO-247, TO-220AC, DO-247 LL)
Applications
Output rectification
PFC
UPS
Air conditioning
Charging station
Description
The STTH30RQ06 has been developed to be used in application requiring a high-
voltage secondary rectification for LLC full bridge topology.
It is also suited for use in switching power supplies, industrial applications, as
rectification, freewheeling and clamping diode.
Product status link
STTH30RQ06
Product summary
IF(AV)
30 A
VRRM
600 V
VF (typ.)
1.45 V
trr (max.)
30 ns
Tj
175 °C
600 V, 30 A ultrafast high voltage rectifier
STTH30RQ06
Datasheet
DS12164 - Rev 5 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH30RQ06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
More results

Similar Description - STTH30RQ06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
logo
ON Semiconductor
RHRG3060-F085 ONSEMI-RHRG3060-F085 Datasheet
5Mb / 7P
Hyperfast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
600 V, 60 A ultrafast high voltage rectifier
30-Mar-2020
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com