Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 133Page - STMicroelectronics ST25R3918 Datasheet HTML 134Page - STMicroelectronics ST25R3918 Datasheet HTML 135Page - STMicroelectronics ST25R3918 Datasheet HTML 136Page - STMicroelectronics ST25R3918 Datasheet HTML 137Page - STMicroelectronics ST25R3918 Datasheet HTML 138Page - STMicroelectronics ST25R3918 Datasheet HTML 139Page - STMicroelectronics ST25R3918 Datasheet HTML 140Page - STMicroelectronics ST25R3918 Datasheet HTML 141Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 141 page
background image
Revision history
ST25R3918
140/141
DS13490 Rev 2
8
Revision history
Table 125. Document revision history
Date
Revision
Changes
19-Mar-2021
1
Initial release.
06-Aug-2021
2
Updated Figure 1: Minimum system configuration - Single sided antenna
driving and Figure 2: Minimum system configuration - Differential
antenna driving.
Updated Section 4.4.2: Stop all activities and Section 4.4.5: NFC field
ON commands.
Updated Table 1: ST25R3918 - VFQFPN32 pin assignment, Table 10:
I2C interface and interrupt signal lines, Table 11: List of direct
commands, Table 12: Timing parameters of NFC field ON commands,
Table 32: Auxiliary definition register and its footnote 2, Table 108:
Absolute maximum ratings, Table 109: Operating conditions and footnote
1 of Table 113: ST25R3918 electrical characteristics (VDD = 2.4 V).
Added footnotes to tables 74, 77, 81, 111, 112 and 113.
Removed former Figure 29: Direct command NFC response field ON.
Minor text edits across the whole document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com