Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7MS2907 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7MS2907
Description  HEXFET POWER MOSFET THRU-HOLE (Low-ohmic TO-254AA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7MS2907 Datasheet(HTML) 1 Page - International Rectifier

  IRF7MS2907 Datasheet HTML 1Page - International Rectifier IRF7MS2907 Datasheet HTML 2Page - International Rectifier IRF7MS2907 Datasheet HTML 3Page - International Rectifier IRF7MS2907 Datasheet HTML 4Page - International Rectifier IRF7MS2907 Datasheet HTML 5Page - International Rectifier IRF7MS2907 Datasheet HTML 6Page - International Rectifier IRF7MS2907 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
45*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
45*
IDM
Pulsed Drain Current ➀
180
PD @ TC = 25°C
Max. Power Dissipation
208
W
Linear Derating Factor
1.67
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
760
mJ
IAR
Avalanche Current ➀
45
A
EAR
Repetitive Avalanche Energy ➀
20.8
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
2.2
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
4.3 (Typical)
g
oC
A
04/14/03
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF7MS2907
75V
0.0055
Ω 45A*
For footnotes refer to the last page
HEXFET® POWER MOSFET
IRF7MS2907
THRU-HOLE (Low-ohmic TO-254AA)
75V, N-CHANNEL
Seventh Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
TO-254AA
* Current is limited by package
Low-Ohmic
PD - 94609


Similar Part No. - IRF7MS2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7MS2907 IRF-IRF7MS2907 Datasheet
140Kb / 7P
Avalanche Energy Ratings
IRF7MS2907 IRF-IRF7MS2907_15 Datasheet
140Kb / 7P
Avalanche Energy Ratings
More results

Similar Description - IRF7MS2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57163SE IRF-IRHMS57163SE Datasheet
197Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com