Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF3D2200DA4/01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF3D2200DA4/01
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3D2200DA4/01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF3D2200DA4/01 Datasheet HTML 7Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 8Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 9Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 10Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 11Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 12Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 13Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 14Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
11 / 27
7 Functional description
7.1 Introduction
MIFARE DESFire EV2 is a contactless multi-application smart card IC compliant with
ISOIEC 14443A (part 1-4). The MIFARE DESFire EV2 operating system provides an off-
the-shelf development platform for smart card application providers.
The memory organization of MIFARE DESFire EV2 is flexible and can be dynamically
structured to fit into any application requirements. The application and file structure is
shown in Figure 3. Each application folder is a container of data files usable within a
certain real world application (e.g. Transport ticketing). There are 5 file types available for
data storage and 1 file type for storing Transaction MAC as detailed in Section 8.6.
Within the application folder, there is a set of keys and configuration settings dedicated
for the application. The application owner can freely organize the file structure and
security setting within his application. An adjacent application will not have access to its
files as long as they do not possess the correct security rights. MIFARE DESFire EV2
also supports the ISO/IEC 7816-4 file structure and APDU.
At the PICC level, there is another set of keys and security settings for the PICC owner.
The PICC owner will have the right to create or delete any application, but he will not
have access to the application's files, unless he knows the application keys too.
Value
File
Application z
Application x
aaa-022073
Cyclic Record
File
Application Y
BackUp Data
File
Std. Data
File
PICC Setting and
configuration
App. Setting
configuration
Application
Keys
Up to 14 keys, free and never access options per application.
Linear Record
File
Transaction
MAC
File
Applications are independent of PICC keys and crypto
Independent file access and communication settings
Maximum 32 files per application
5 types of data file + 1 Transaction MAC file (optional)
Applications are independent of each other
PICC Keys
Figure 3. MIFARE DESFire EV2 product-based application and file structure
MIFARE DESFire EV2 supports confidential and integrity protected communication (see
Section 7.7). Each MIFARE DESFire EV2 application can have its own cryptographic
settings (i.e. 2TDEA, 3TDEA or AES) and secure messaging for communication. The
D40 and EV1 secure messaging are included in the product for backward compatible
support of existing installations. For new projects, the EV2 secure messaging is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com