Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF3D2200DA4/01 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MF3D2200DA4/01
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3D2200DA4/01 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MF3D2200DA4/01 Datasheet HTML 8Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 9Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 10Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 11Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 12Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 13Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 14Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 15Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
12 / 27
MIFARE DESFire EV2 offers a transaction-oriented backup mechanism to prevent
inconsistent updating of data storage across multiple files during a tearing situation.
When transaction tearing occurs, either all data fields are updated or none is altered.
Besides the application file structure support, MIFARE DESFire EV2 offers many optional
features such as following:
• Delegated Application Management (MIsmartApp) for giving rights to third-party
application creation and management.
• Multiple key set within an application with key rolling mechanism and key migration
supported.
• Shared files between two applications, supporting a single transaction over two
applications at the same time.
• Multiple keys for each access right of files.
• Transaction MAC on application level, MACing the transacted data with a secret key on
the card and served as a proof of transaction to the backend system.
• Virtual Card Architecture providing a privacy protecting mechanism during card
selection.
• Proximity Check to prevent against relay attacks.
• Originality Check for verification of genuine MIFARE DESFire EV2 product from NXP or
its licensees.
The following chapters provide basic description of some functionality on MIFARE
DESFire EV2. For a more detailed description of each functionality on MIFARE DESFire
EV2, see [1].
7.2 Contactless energy and data transfer
In the MIFARE product-based system, the MIFARE DESFire EV2 is connected to a coil
consisting of a few turns embedded in a standard ISO/IEC smart card. A battery is not
needed. When the card is positioned in the proximity of the PCD antenna, the high-speed
RF communication interface allows data to be transmitted up to 848 kbit/s.
7.3 Anti-collision
An intelligent anti-collision mechanism allows more than one MIFARE DESFire EV2 in
the field to be handled simultaneously. The anti-collision algorithm selects each MIFARE
DESFire EV2 individually and ensures that the execution of a transaction with a selected
MIFARE DESFire EV2 is performed correctly without data corruption resulting from other
MIFARE DESFire EV2s in the field.
7.4 UID/serial number
The unique 7 byte (UID) is programmed into a locked part of the NV memory which is
reserved for the manufacturer. Due to security and system requirements these bytes
are write-protected after being programmed by the IC manufacturer at production time.
According to ISO/IEC 14443-3 during the first anti-collision loop the cascade tag returns
a value of 88h and also the first 3 bytes of the UID, UID0 to UID2 and BCC. The second
anti-collision loop returns bytes UID3 to UID6 and BCC.
UID0 holds the manufacturer ID for NXP (04h) according to ISO/IEC 14443-3 and ISO/
IEC 7816-6 AMD 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com