Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR3NET01BD Datasheet(PDF) 2 Page - Schneider Electric

Part # SR3NET01BD
Description  Ethernet communication interface, Zelio Logic, for SR3 24 V DC smart relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SR3NET01BD Datasheet(HTML) 2 Page - Schneider Electric

  SR3NET01BD_V01 Datasheet HTML 1Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 2Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 3Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pollution degree
2 EN/IEC 61131-2
Ambient air temperature for
operation
-4…104 °F (-20…40 °C) IEC 60068-2-1 and IEC 60068-2-2
-4…131 °F (-20…55 °C) IEC 60068-2-1 and IEC 60068-2-2
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Operating altitude
6561.68 ft (2000 m)
Maximum altitude transport
10000.00 ft (3048 m)
Relative Humidity
95 % without condensation or dripping water
Ordering and shipping details
Category
22378-SR2,3 ZELIO 2 RELAYS
Discount Schedule
I
GTIN
3389119208505
Nbr. of units in pkg.
1
Package weight(Lbs)
3.84 oz (109 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.36 in (6 cm)
Package 1 width
2.56 in (6.5 cm)
Package 1 Length
4.33 in (11 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
48
Package 2 Weight
12.74 lb(US) (5.78 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
2
Mar 23, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com