Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR3NET01BD Datasheet(PDF) 1 Page - Schneider Electric

Part # SR3NET01BD
Description  Ethernet communication interface, Zelio Logic, for SR3 24 V DC smart relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SR3NET01BD Datasheet(HTML) 1 Page - Schneider Electric

  SR3NET01BD_V01 Datasheet HTML 1Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 2Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 3Page - Schneider Electric SR3NET01BD_V01 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
Ethernet communication interface,
Zelio Logic, for SR3 24 V DC smart
relay
SR3NET01BD
Product availability : Stock - Normally stocked in distribution
facility
Price* : 248.00 USD
Main
Range of Product
Zelio Logic
Product or Component Type
Ethernet communication module
Complementary
Product Compatibility
All modules with 24 V supply SR3 B...BD
Communication Port Protocol
Ethernet
Communication port support
10/100BASE-T
Electrical connection
1 connector RJ45
Programming language
FBD
Connections - terminals
Screw terminals, 1 x 0.25...1 x 2.5 mm² AWG 24...AWG 14) semi-solid
Screw terminals, 1 x 0.25...1 x 2.5 mm² AWG 24...AWG 14) solid
Screw terminals, 2 x 0.25...2 x 1.5 mm² AWG 23...AWG 16) solid
Screw terminals, 1 x 0.25...1 x 2.5 mm² AWG 24...AWG 14) flexible with cable end
Screw terminals, 2 x 0.25...2 x 0.75 mm² AWG 24...AWG 18) flexible with cable end
Tightening torque
4.43 lbf.in (0.5 N.m)
Local signalling
for communication (LK/ACT 10/100) 1 LED
for status (STS) 1 LED
Net Weight
0.24 lb(US) (0.11 kg)
Environment
Product certifications
CSA
C-tick
GOST
UL
Standards
EN/IEC 61000-4-4 level 3
EN/IEC 61000-4-5
EN/IEC 61000-4-2 level 3
EN/IEC 61000-4-3
EN/IEC 60068-2-6 Fc
EN/IEC 60068-2-27 Ea
IP degree of protection
IP20 IEC 60529 terminal block)
IP40 IEC 60529 front panel)
Environmental characteristic
EMC directive EN/IEC 61000-6-2
EMC directive EN/IEC 61000-6-3
EMC directive EN/IEC 61000-6-4
EMC directive EN/IEC 61131-2 zone B
Low voltage directive EN/IEC 61131-2
Disturbance radiated/
conducted
Class B EN 55022-11 group 1
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 23, 2022
1


Similar Part No. - SR3NET01BD_V01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SR3NET01BD SCHNEIDER-SR3NET01BD Datasheet
103Kb / 4P
Ethernet communication interface, Zelio Logic, for SR3 24 V DC smart relay
Sep 9, 2021
More results

Similar Description - SR3NET01BD_V01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SR2B122BD SCHNEIDER-SR2B122BD Datasheet
157Kb / 5P
Compact smart relay, Zelio Logic, 12 I/O, 24 V DC, clock, display
Sep 7, 2021
SR2COM01 SCHNEIDER-SR2COM01 Datasheet
117Kb / 4P
Modem communication interface, Zelio Logic, for smart relay
Sep 9, 2021
SR3B101BD SCHNEIDER-SR3B101BD Datasheet
182Kb / 9P
Modular smart relay, Zelio Logic, 10 I/O, 24 V DC, clock, display
Sep 9, 2021
SR3MBU01BD SCHNEIDER-SR3MBU01BD Datasheet
109Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Sep 9, 2021
SR3NET01BD SCHNEIDER-SR3NET01BD Datasheet
103Kb / 4P
Ethernet communication interface, Zelio Logic, for SR3 24 V DC smart relay
Sep 9, 2021
SR2B122BD SCHNEIDER-SR2B122BD_V01 Datasheet
289Kb / 8P
Compact smart relay, Zelio Logic, 12 I/O, 24 V DC, clock, display
Mar 23, 2022
SR2B201BD SCHNEIDER-SR2B201BD_V01 Datasheet
295Kb / 8P
Compact smart relay, Zelio Logic, 20 I/O, 24 V DC, clock, display
Mar 23, 2022
SR2B202BD SCHNEIDER-SR2B202BD_V01 Datasheet
283Kb / 8P
Compact smart relay, Zelio Logic, 20 I/O, 24 V DC, clock, display
Mar 23, 2022
SR2COM01 SCHNEIDER-SR2COM01_V01 Datasheet
158Kb / 4P
Modem communication interface, Zelio Logic, for smart relay
Mar 23, 2022
SR3MBU01BD SCHNEIDER-SR3MBU01BD_V01 Datasheet
158Kb / 4P
Modbus slave communication module, Zelio Logic, network for SR3 24 V DC smart relay
Mar 23, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com