Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESE1-M Datasheet(PDF) 2 Page - CUI INC

Part # PESE1-M
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PESE1-M Datasheet(HTML) 2 Page - CUI INC

  PESE1-M Datasheet HTML 1Page - CUI INC PESE1-M Datasheet HTML 2Page - CUI INC PESE1-M Datasheet HTML 3Page - CUI INC PESE1-M Datasheet HTML 4Page - CUI INC PESE1-M Datasheet HTML 5Page - CUI INC PESE1-M Datasheet HTML 6Page - CUI INC PESE1-M Datasheet HTML 7Page - CUI INC PESE1-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 07/07/2021
│ page 2 of 8
CUI Inc
│ SERIES: PESE1-M │ DESCRIPTION: DC-DC CONVERTER
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PESE1-S24-S24-M
24
21.6~26.4
24
4
42
1
100
85
PESE1-S24-D5-M
24
21.6~26.4
±5
±10
±100
1
75
82
PESE1-S24-D9-M
24
21.6~26.4
±9
±6
±56
1
75
83
PESE1-S24-D12-M
24
21.6~26.4
±12
±5
±42
1
75
83
PESE1-S24-D15-M
24
21.6~26.4
±15
±4
±34
1
75
83
PESE1-S24-D24-M
24
21.6~26.4
±24
±3
±21
1
100
85
Notes:
1. Measured at nominal input, 20 MHz bandwidth oscilloscope, with 10 µF tantalum and 1 µF ceramic capacitors on the output.
2. Measured at nominal input voltage, full load.
3. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
PESE1- S XX - X XX - M- XX
Input Voltage
Output Voltage
Mounting Style:
SMT
Output:
S = single
D = dual
Packaging:
“blank” = Tube
TR = Tape and Reel
(CONTINUED)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com