Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESE1-M Datasheet(PDF) 4 Page - CUI INC

Part # PESE1-M
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PESE1-M Datasheet(HTML) 4 Page - CUI INC

  PESE1-M Datasheet HTML 1Page - CUI INC PESE1-M Datasheet HTML 2Page - CUI INC PESE1-M Datasheet HTML 3Page - CUI INC PESE1-M Datasheet HTML 4Page - CUI INC PESE1-M Datasheet HTML 5Page - CUI INC PESE1-M Datasheet HTML 6Page - CUI INC PESE1-M Datasheet HTML 7Page - CUI INC PESE1-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
date 07/07/2021
│ page 4 of 8
CUI Inc
│ SERIES: PESE1-M │ DESCRIPTION: DC-DC CONVERTER
SAFETY AND COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
radiated emissions
CISPR32/EN55032, class B (external circuit required, see Figures 3, 4)
ESD
IEC/EN61000-4-2, air ± 8 kV; contact ± 4 kV, class B
MTBF
as per MIL-HDBK-217F, 25°C
3,500,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
case temperature rise
3.3 Vdc output model at 25°C
all other models at 25°C
25
15
°C
°C
DERATING CURVES
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com