Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ15 Datasheet(PDF) 2 Page - CUI INC

Part # PYBJ15
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ15 Datasheet(HTML) 2 Page - CUI INC

  PYBJ15 Datasheet HTML 1Page - CUI INC PYBJ15 Datasheet HTML 2Page - CUI INC PYBJ15 Datasheet HTML 3Page - CUI INC PYBJ15 Datasheet HTML 4Page - CUI INC PYBJ15 Datasheet HTML 5Page - CUI INC PYBJ15 Datasheet HTML 6Page - CUI INC PYBJ15 Datasheet HTML 7Page - CUI INC PYBJ15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 07/28/2021
│ page 2 of 8
CUI Inc
│ SERIES: PYBJ15 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage
24 Vdc input models
48 Vdc input models
9
18
Vdc
Vdc
surge voltage
24 Vdc input models for 1 second max
48 Vdc input models for 1 second max
-0.7
-0.7
50
100
Vdc
Vdc
under voltage shutdown
24 Vdc input models
48 Vdc input models
5.5
12
6.5
15.5
Vdc
Vdc
current
24 Vdc input models
3, 5 Vdc output models
12, 15 Vdc output models
727
718
mA
mA
48 Vdc input models
3.3 Vdc output models
5 Vdc output models
363
360
mA
mA
start-up current
24 Vdc input models
48 Vdc input models
3,000
1,500
mA
mA
remote on/off (CTRL)4
turn on (CTRL pin pulled low to GND (0~1.2 Vdc))
turn off (CTRL pin open or pulled high (3.5~12 Vdc))
input current when switched off
6
15
mA
alarm indication (ALM)
Valm (relative to GND), when under voltage protection is
going to happen, and during the over voltage protection
working status.
0.2
1.2
Vdc
Valm (relative to GND), other working status
3.5
9
Vdc
filter
Pi filter
no load power consumption
0.36
W
Notes:
4. The voltage of the CTRL pin is referenced to input GND pin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load5
3.3, 5 Vdc output models
12 Vdc output models
15 Vdc output models
4,700
1,000
820
μF
μF
μF
voltage accuracy
from 0% to full load
±1
±2
%
line regulation
from low line to high line, full load
±0.2
±0.5
%
load regulation6
from 5% to full load
±0.5
±1
%
switching frequency7
PWM mode
300
kHz
transient recovery time
25% load step change, nominal input voltage
300
500
μs
transient response deviation
25% load step change, nominal input voltage
3.3, 5 Vdc output models
all other output models
±3
±3
±8
±5
%
%
temperature coefficient
at full load
±0.03
%/°C
Note:
5. Tested at input voltage range and full load.
6. At 0~100% load, the max load regulation is ±3%.
7. Value is based on full load. At loads <50%, the switching frequency decreases with decreasing load for efficiency improvement.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com