Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ15 Datasheet(PDF) 4 Page - CUI INC

Part # PYBJ15
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ15 Datasheet(HTML) 4 Page - CUI INC

  PYBJ15 Datasheet HTML 1Page - CUI INC PYBJ15 Datasheet HTML 2Page - CUI INC PYBJ15 Datasheet HTML 3Page - CUI INC PYBJ15 Datasheet HTML 4Page - CUI INC PYBJ15 Datasheet HTML 5Page - CUI INC PYBJ15 Datasheet HTML 6Page - CUI INC PYBJ15 Datasheet HTML 7Page - CUI INC PYBJ15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
date 07/28/2021
│ page 4 of 8
CUI Inc
│ SERIES: PYBJ15 │ DESCRIPTION: DC-DC CONVERTER
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
DIP without case:
3.3, 5 Vdc output models: 38.70 x 27.20 x 6.20 [1.524 x 1.071 x 0.244 inch]
12, 15 Vdc output models: 38.70 x 27.20 x 5.80 [1.524 x 1.071 x 0.228 inch]
mm
mm
DIP with case:
3.3, 5 Vdc output models: 39.10 x 29.50 x 6.80 [1.539 x 1.161 x 0.268 inch]
12, 15 Vdc output models: 39.10 x 29.50 x 6.40 [1.539 x 1.161 x 0.252 inch]
mm
mm
SMT without case:
3.3, 5 Vdc output models: 38.70 x 27.20 x 6.20 [1.524 x 1.071 x 0.244 inch]
12, 15 Vdc output models: 38.70 x 27.20 x 5.80 [1.524 x 1.071 x 0.228 inch]
mm
mm
SMT with case:
3.3, 5 Vdc output models: 39.10 x 29.50 x 6.80 [1.539 x 1.161 x 0.268 inch]
12, 15 Vdc output models: 39.10 x 29.50 x 6.40 [1.539 x 1.161 x 0.252 inch]
mm
mm
case material
aluminum alloy
weight
without case 3.3, 5 Vdc output models
without case 12, 15 Vdc output models
with case 3.3, 5 Vdc output models
with case 12, 15 Vdc output models
11.0
8.8
13.8
11.5
g
g
g
g
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering9
see wave soldering profile
260
°C
reflow soldering10
see reflow soldering profile
Maximum duration >217°C is 60 seconds.
For actual application, refer to IPC/JEDEC J-STD-020D.1
245
°C
Note:
9. For DIP models only.
10. For SMT models only.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com